Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC28F128J3F75 Datasheet(PDF) 20 Page - Numonyx B.V

Part # PC28F128J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC28F128J3F75 Datasheet(HTML) 20 Page - Numonyx B.V

Back Button PC28F128J3F75 Datasheet HTML 16Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 17Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 18Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 19Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 20Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 21Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 22Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 23Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 24Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
Datasheet
19
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
5.0
Maximum Ratings and Operating Conditions
5.1
Absolute Maximum Ratings
Warning:
Stressing the device beyond the “Absolute Maximum Ratings” may cause permanent
damage. These are stress ratings only.
5.2
Operating Conditions
Warning:
Operations beyond the “Operating Conditions” is not recommended and extended
exposure beyond the “Operating Conditions” may affect device reliability.
5.3
Power-Up/Down
This section provides an overview of system level considerations with regards to the
flash device. It includes a brief description of power-up/down sequence and decoupling
design considerations.
5.3.1
Power-Up/Down Sequence
To prevent conditions that could result in spurious program or erase operations, the
power-up/power-down sequence shown in Table 6 is recommended. For DC voltage
characteristics refer to Table 8. Note that each power supply must reach its minimum
voltage range before applying/removing the next supply voltage.
NOTICE: This document contains information available at the time of its release. The specifications are subject to change without
notice. Verify with your local Numonyx sales office that you have the latest datasheet before finalizing a design.
Table 4:
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Notes
Temperature under Bias Expanded (TA, Ambient)
–40
+85
°C
—
Storage Temperature
–65
+125
°C
—
VCC Voltage
–2.0
+5.6
V
2
VCCQ Voltage
–2.0
+5.6
V
2
Voltage on any input/output signal (except VCC, VCCQ)
–2.0
VCCQ (max) + 2.0
V
1
ISH Output Short Circuit Current
—
100
mA
3
Notes:
1.
Voltage is referenced to VSS. During infrequent non-periodic transitions, the voltage potential between VSS and input/
output pins may undershoot to –2.0 V for periods < 20 ns or overshoot to VCCQ (max) + 2.0 V for periods < 20 ns.
2.
During infrequent non-periodic transitions, the voltage potential between VCC and the supplies may undershoot to –2.0
V for periods < 20 ns or VSUPPLY (max) + 2.0 V for periods < 20 ns.
3.
Output shorted for less than one second. No more than one output pin/ball can be shorted at a time.
Table 5:
Temperature and VCC Operating Condition
Symbol
Parameter
Min
Max
Unit
Test Condition
TA
Operating Temperature
-40.0
+85
°C
Ambient Temperature
VCC
VCC Supply Voltage
2.70
3.6
V
—
VCCQ
VCCQ Supply Voltage
2.70
3.6
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com