Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC28F128J3F75 Datasheet(PDF) 48 Page - Numonyx B.V

Part # PC28F128J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC28F128J3F75 Datasheet(HTML) 48 Page - Numonyx B.V

Back Button PC28F128J3F75 Datasheet HTML 44Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 45Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 46Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 47Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 48Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 49Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 50Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 51Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 52Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
Datasheet
47
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
11.0
Device Command Codes
For a complete definition on device operations refer to Section 8.4, “Device Commands”
on page 33. The list of all applicable commands are included here one more time for
the convenience.
Note:
Some customer applications use illegal or invalid commands (like 0x00) accidentally or
intentionally with the device. An illegal or invalid command caused the device output to
change to Array Read mode on 130nm. On the 65nm device, the output will change to
Read Status Register mode.
After an illegal or invalid command, software may attempt to read the device. If the
illegal command was intentional, software will expect to read array data on 130nm
device, such as 0xFFFF in an unprogrammed location. On the 65nm device, software
may not get the expected array data and instead the status register is read.
Please refer to the legal and valid commands/spec defined in the Datasheet, such as
forread mode, issue 0xFF to Read Array mode, 0x90 to Read Signature, 0x98 to Read
CFI/OTP array mode.
Table 34: Command Bus Cycles and Command Codes
Command
Setup Write Cycle
Confirm Write Cycle
Address Bus
Data Bus
Address Bus
Data Bus
Program Enhanced Configuration Register
Register Data
0060h
Register Data
0004h
Program OTP Register
Device Address
00C0h
Register Offset
Register Data
Clear Status Register
Device Address
0050h
—
—
Program STS Configuration Register
Device Address
00B8h
Device Address
Register Data
Read Array
Device Address
00FFh
—
—
Read Status Register
Device Address
0070h
—
—
Read Identifier Codes (Read Device Information)
Device Address
0090h
—
—
CFI Query
Device Address
0098h
—
—
Word/Byte Program
Device Address
0040h/
0010h
Device Address
Array Data
Buffered Program
Block Address
00E8h
Block Address
00D0h
Block Erase
Block Address
0020h
Block Address
00D0h
Program/Erase Suspend
Device Address
00B0h
—
—
Program/Erase Resume
Device Address
00D0h
—
—
Set Block Lock Bit
Block Address
0060h
Block Address
0001h
Clear Block Lock Bits
Device Address
0060h
Device Address
00D0h
Blank Check
Block Address
00BCh
Block Address
00D0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com