Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC28F128J3F75 Datasheet(PDF) 23 Page - Numonyx B.V

Part # PC28F128J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC28F128J3F75 Datasheet(HTML) 23 Page - Numonyx B.V

Back Button PC28F128J3F75 Datasheet HTML 19Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 20Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 21Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 22Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 23Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 24Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 25Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 26Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 27Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
22
6.2
DC Voltage specifications
6.3
Capacitance
Notes:
1.
Sampled, not 100% tested.
2.
TA = -40 °C to +85 °C, VCC= VCCQ= 0 to 3.6 V.
Table 8:
DC Voltage Characteristics
VCCQ
2.7 - 3.6 V
Test Conditions
Notes
VCC
2.7 - 3.6 V
Symbol
Parameter
Min
Max
Unit
VIL
Input Low Voltage
–0.5
0.8
V
—
2, 5, 6
VIH
Input High Voltage
2.0
VCCQ + 0.5
V
—
2, 5, 6
VOL
Output Low Voltage
—0.4
V
VCC = VCCMin
VCCQ = VCCQ Min
IOL = 2 mA
1, 2
—0.2
V
VCC = VCCMin
VCCQ = VCCQ Min
IOL = 100 µA
VOH
Output High Voltage
0.85 × VCCQ
—V
VCC = VCCMIN
VCCQ = VCCQ Min
IOH = –2.5 mA
1, 2
VCCQ – 0.2
—
V
VCC = VCCMIN
VCCQ = VCCQ Min
IOH = –100 µA
VPENLK
VPEN Lockout during Program,
Erase and Lock-Bit Operations
—2.2
V
—
2, 3
VPENH
VPEN during Block Erase, Program,
or Lock-Bit Operations
2.7
3.6
V
—
3
VLKO
VCC Lockout Voltage
—
2.0
V
—
4
Notes:
1.
Includes STS.
2.
Sampled, not 100% tested.
3.
Block erases, programming, and lock-bit configurations are inhibited when VPEN ≤ VPENLK, and not guaranteed in the
range between VPENLK (max) and VPENH (min), and above VPENH (max).
4.
Block erases, programming, and lock-bit configurations are inhibited when VCC ≤ VLKO, and not guaranteed in the range
between VLKO and VCC (min), and above VCC (max).
5.
Includes all operational modes of the device.
6.
Input/Output signals can undershoot to -1.0V referenced to VSS and can overshoot to VCCQ + 1.0V for duration of 2ns or
less, the VCCQ valid range is referenced to VSS.
Table 9:
Capacitance
Symbol
Parameter1
Type
Max
Unit
Condition2
CIN
Input Capacitance
67
pF
VIN = 0.0 V
COUT
Output Capacitance
45
pF
VOUT = 0.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com