Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC28F128J3F75 Datasheet(PDF) 19 Page - Numonyx B.V

Part # PC28F128J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC28F128J3F75 Datasheet(HTML) 19 Page - Numonyx B.V

Back Button PC28F128J3F75 Datasheet HTML 15Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 16Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 17Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 18Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 19Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 20Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 21Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 22Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 23Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
18
4.3
Signal Descriptions
Table 3 lists the active signals used on J3 65 nm SBC and provides a description of
each.
Table 3:
Signal Descriptions for J3 65 nm SBC
Symbol
Type
Name and Function
A0
Input
BYTE-SELECT ADDRESS:
Selects between high and low byte when the device is in x8 mode. This
address is latched during a x8 program cycle. Not used in x16 mode (i.e., the A0 input buffer is
turned off when BYTE# is high).
A[MAX:1]
Input
ADDRESS INPUTS:
Inputs for addresses during read and program operations. Addresses are
internally latched during a program cycle:
32-Mbit — A[21:1]
64-Mbit— A[22:1]
128-Mbit — A[23:1]
DQ[7:0]
Input/
Output
LOW-BYTE DATA BUS:
Inputs data during buffer writes and programming, and inputs commands
during CUI writes. Outputs array, CFI, identifier, or status data in the appropriate read mode. Data
is internally latched during write operations.
DQ[15:8]
Input/
Output
HIGH-BYTE DATA BUS:
Inputs data during x16 buffer writes and programming operations.
Outputs array, CFI, or identifier data in the appropriate read mode; not used for Status Register
reads. Data is internally latched during write operations in x16 mode. D[15:8] float in x8 mode.
CE[2:0]
Input
CHIP ENABLE:
Activates the 32-, 64-, 128-Mbit devices’ control logic, input buffers, decoders, and
sense amplifiers. When the device is de-selected (see
Table 17, “Chip Enable Truth Table
for 32-, 64-, 128-Mb” on page 30), power reduces to standby levels.
All timing specifications are the same for these three signals. Device selection occurs with the first
edge of CE0, CE1, or CE2 that enables the device. Device deselection occurs with the first edge of
CE0, CE1, or CE2 that disables the device (see
Table 17, “Chip Enable Truth Table for
32-, 64-, 128-Mb” on page 30).
RP#
Input
RESET:
RP#-low resets internal automation and puts the device in power-down mode. RP#-high
enables normal operation. Exit from reset sets the device to read array mode. When driven low,
RP# inhibits write operations which provides data protection during power transitions.
OE#
Input
OUTPUT ENABLE:
Activates the device’s outputs through the data buffers during a read cycle.
OE# is active low.
WE#
Input
WRITE ENABLE:
Controls writes to the CUI, the Write Buffer, and array blocks. WE# is active low.
Addresses and data are latched on the rising edge of WE#.
STS
Open Drain
Output
STATUS:
Indicates the status of the internal state machine. When configured in level mode
(default), it acts as a RY/BY# signal. When configured in one of its pulse modes, it can pulse to
indicate program and/or erase completion. For alternate configurations of the Status signal, see the
Configurations command and
Section 9.7, “Status Signal” on page 41. STS is to be tied
to VCCQ with a pull-up resistor.
BYTE#
Input
BYTE ENABLE:
BYTE#-low places the device in x8 mode; data is input or output on D[7:0], while
D[15:8] is placed in High-Z. Address A0 selects between the high and low byte. BYTE#-high places
the device in x16 mode, and turns off the A0 input buffer, the address A1 becomes the lowest-order
address bit.
VPEN
Input
ERASE / PROGRAM / BLOCK LOCK ENABLE:
For erasing array blocks, programming data, or
configuring lock-bits.
With VPEN ≤ VPENLK, memory contents cannot be altered.
VCC
Power
CORE Power Supply:
Core (logic) source voltage. Writes to the flash array are inhibited when VCC
≤ VLko.
Caution: Device operation at invalid Vcc voltages should not be attempted.
VCCQ
Power
I/O Power Supply:
Power supply for Input/Output buffers.This ball can be tied directly to VCC.
VSS
Supply
GROUND:
Ground reference for device logic voltages. Connect to system ground.
NC
—
No Connect:
Lead is not internally connected; it may be driven or floated.
RFU
—
Reserved for Future Use:
Balls designated as RFU are reserved by Numonyx for future device
functionality and enhancement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com