Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S75WS256NDFBAWMB Datasheet(PDF) 31 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 31 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 27Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 28Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 29Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 30Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 31Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 32Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 33Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 34Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 35Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 216 page
background image
February 17, 2005 S75WS-N-00_A0
S75WS256Nxx Based MCPs
29
Advance
Information
Reading the Configuration Table. The configuration register can be read with a four-cycle com-
mand sequence. See Table 13.1 for sequence details. Once the data has been read from the
configuration register, a software reset command is required to set the device into the correct
state.
8.4
Autoselect
The Autoselect is used for manufacturer ID, Device identification, and sector protection informa-
tion. This mode is primarily intended for programming equipment to automatically match a device
with its corresponding programming algorithm. The Autoselect codes can also be accessed in-sys-
tem. When verifying sector protection, the sector address must appear on the appropriate highest
order address bits (see Table 8.9). The remaining address bits are don't care. The most significant
four bits of the address during the third write cycle selects the bank from which the Autoselect
codes are read by the host. All other banks can be accessed normally for data read without exiting
the Autoselect mode.
To access the Autoselect codes, the host system must issue the Autoselect command.
Table 8.8 Configuration Register
CR Bit
Function
Settings (Binary)
CR15
Set Device Read
Mode
0 = Synchronous Read (Burst Mode) Enabled
1 = Asynchronous Read Mode (default) Enabled
CR14
Boundary Crossing
54 MHz 66 Mhz 80 MHz
S29WS064N
S29WS128N
N/A
N/A
N/A
Default value is 0
S29WS256N
0
1
1
0 = No extra boundary crossing latency
1 = With extra boundary crossing latency (default)
Must be set to 1 greater than 54 MHz.
CR13
Programmable
Wait State
S29WS064N
S29WS128N
01
1
011 = Data valid on 5th active CLK
edge after addresses latched
100 = Data valid on 6th active CLK
edge after addresses latched
101 = Data valid on 7th active CLK
edge after addresses latched (default)
110 = Reserved
111 = Reserved
Inserts wait states before initial data
is available. Setting greater number of wait
states before initial data reduces latency
after initial data. (Notes 1, 2)
S29WS256N
CR12
S29WS064N
S29WS128N
10
0
S29WS256N
CR11
S29WS064N
S29WS128N
10
1
S29WS256N
CR10
RDY Polarity
0 = RDY signal active low
1 = RDY signal active high (default)
CR9
Reserved
1 = default
CR8
RDY
0 = RDY active one clock cycle before data
1 = RDY active with data (default)
When CR13-CR11 are set to 000,
RDY is active with data regardless of CR8 setting.
CR7
Reserved
1 = default
CR6
Reserved
1 = default
CR5
Reserved
0 = default
CR4
Reserved
0 = default
CR3
Burst Wrap Around
0 = No Wrap Around Burst
1 = Wrap Around Burst (default)
CR2
CR1
CR0
Burst Length
000 = Continuous (default)
010 = 8-Word Linear Burst
011 = 16-Word Linear Burst
100 = 32-Word Linear Burst
(All other bit settings are reserved)
Notes:
1. Refer to Tables 8.2 - 8.6 for wait states requirements.
2. Refer to Synchronous Burst Read timing diagrams
3. Configuration Register is in the default state upon power-up or hardware reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com