Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S75WS256NDFBAWMB Datasheet(PDF) 40 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 40 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 36Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 37Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 38Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 39Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 40Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 41Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 42Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 43Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 44Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 216 page
background image
38
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
Any sector erase address and command following the exceeded time-out (tSEA) may or may not
be accepted. Any command other than Sector Erase or Erase Suspend during the time-out period
resets that bank to the read mode. The system can monitor DQ3 to determine if the sector erase
timer has timed out (see DQ3: Sector Erase Timeout State Indicator). The time-out begins from
the rising edge of the final WE# pulse in the command sequence.
When the Embedded Erase algorithm is complete, the bank returns to reading array data and ad-
dresses are no longer latched. Note that while the Embedded Erase operation is in progress, the
system can read data from the non-erasing banks. The system can determine the status of the
erase operation by reading DQ7 or DQ6/DQ2 in the erasing bank. See Write Operation Status for
information on these status bits.
Once the sector erase operation has begun, only the Erase Suspend command is valid. All other
commands are ignored. However, note that a hardware reset immediately terminates the erase
operation. If that occurs, the sector erase command sequence should be reinitiated once that
bank has returned to reading array data, to ensure data integrity.
Figure 8.5 illustrates the algorithm for the erase operation. See Erase/Program Timing for param-
eters and timing diagrams.
The following is a C source code example of using the sector erase function. Refer to the
Spansion Low Level Driver User’s Guide (available on www.amd.com and www.fujitsu.com)
for general information on Spansion Flash memory software development guidelines.
/* Example: Sector Erase Command */
*( (UINT16 *)base_addr + 0x555 ) = 0x00AA;
/* write unlock cycle 1
*/
*( (UINT16 *)base_addr + 0x2AA ) = 0x0055;
/* write unlock cycle 2
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x0080;
/* write setup command
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x00AA;
/* write additional unlock cycle 1 */
*( (UINT16 *)base_addr + 0x2AA ) = 0x0055;
/* write additional unlock cycle 2 */
*( (UINT16 *)sector_address )
= 0x0030;
/* write sector erase command
*/
Software Functions and Sample Code
Table 8.14 Sector Erase
(LLD Function = lld_SectorEraseCmd)
Cycle
Description
Operation
Byte Address
Word Address
Data
1
Unlock
Write
Base + AAAh
Base + 555h
00AAh
2
Unlock
Write
Base + 554h
Base + 2AAh
0055h
3
Setup Command
Write
Base + AAAh
Base + 555h
0080h
4
Unlock
Write
Base + AAAh
Base + 555h
00AAh
5
Unlock
Write
Base + 554h
Base + 2AAh
0055h
6
Sector Erase Command
Write
Sector Address
Sector Address
0030h
Unlimited additional sectors may be selected for erase; command(s) must be written within tSEA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com