Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S75WS256NDFBAWMB Datasheet(PDF) 38 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 38 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 34Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 35Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 36Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 37Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 38Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 39Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 40Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 41Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 42Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 216 page
background image
36
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
Notes:
1. Base = Base Address.
2. Last = Last cycle of write buffer program operation; depending on number of words written, the total
number of cycles may be from 6 to 37.
3. For maximum efficiency, it is recommended that the write buffer be loaded with
the highest number of words (N words) possible.
The following is a C source code example of using the write buffer program function. Refer to
the Spansion Low Level Driver User Guide (available on www.amd.com and
www.fujitsu.comm) for general information on Spansion Flash memory software develop-
ment guidelines.
/* Example: Write Buffer Programming Command
*/
/* NOTES: Write buffer programming limited to 16 words. */
/*
All addresses to be written to the flash in
*/
/*
one operation must be within the same flash
*/
/*
page. A flash page begins at addresses
*/
/*
evenly divisible by 0x20.
*/
UINT16 *src = source_of_data;
/* address of source data
*/
UINT16 *dst = destination_of_data;
/* flash destination address
*/
UINT16 wc
= words_to_program -1;
/* word count (minus 1)
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x00AA;
/* write unlock cycle 1
*/
*( (UINT16 *)base_addr + 0x2AA ) = 0x0055;
/* write unlock cycle 2
*/
*( (UINT16 *)sector_address )
= 0x0025;
/* write write buffer load command */
*( (UINT16 *)sector_address )
= wc;
/* write word count (minus 1)
*/
loop:
*dst = *src; /* ALL dst MUST BE SAME PAGE */ /* write source data to destination */
dst++;
/* increment destination pointer
*/
src++;
/* increment source pointer
*/
if (wc == 0) goto confirm
/* done when word count equals zero */
wc--;
/* decrement word count
*/
goto loop;
/* do it again
*/
confirm:
*( (UINT16 *)sector_address )
= 0x0029;
/* write confirm command
*/
/* poll for completion */
/* Example: Write Buffer Abort Reset */
*( (UINT16 *)addr + 0x555 ) = 0x00AA;
/* write unlock cycle 1
*/
*( (UINT16 *)addr + 0x2AA ) = 0x0055;
/* write unlock cycle 2
*/
*( (UINT16 *)addr + 0x555 ) = 0x00F0;
/* write buffer abort reset
*/
Software Functions and Sample Code
Table 8.13 Write Buffer Program
(LLD Functions Used = lld_WriteToBufferCmd, lld_ProgramBufferToFlashCmd)
Cycle
Description
Operation
Byte Address
Word Address
Data
1
Unlock
Write
Base + AAAh
Base + 555h
00AAh
2
Unlock
Write
Base + 554h
Base + 2AAh
0055h
3
Write Buffer Load Command
Write
Program Address
0025h
4
Write Word Count
Write
Program Address
Word Count (N–1)h
Number of words (N) loaded into the write buffer can be from 1 to 32 words.
5 to 36
Load Buffer Word N
Write
Program Address, Word N
Word N
Last
Write Buffer to Flash
Write
Sector Address
0029h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com