Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S75WS256NDFBAWMB Datasheet(PDF) 34 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 34 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 30Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 31Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 32Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 33Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 34Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 35Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 36Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 37Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 38Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 216 page
background image
32
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
8.5
Program/Erase Operations
These devices are capable of several modes of programming and or erase operations which are
described in detail in the following sections. However, prior to any programming and or erase op-
eration, devices must be setup appropriately as outlined in the configuration register (Table 8.8).
For any program and or erase operations, including writing command sequences, the system
must drive AVD# and CE# to VIL, and OE# to VIH when providing an address to the device, and
drive WE# and CE# to VIL, and OE# to VIH when writing commands or programming data.
Addresses are latched on the last falling edge of WE# or CE#, while data is latched on the 1st
rising edge of WE# or CE#.
Note the following:
When the Embedded Program algorithm is complete, the device returns to the read mode.
The system can determine the status of the program operation by using DQ7 or DQ6. Refer
to the Write Operation Status section for information on these status bits.
A 0 cannot be programmed back to a 1. Attempting to do so causes the device to set DQ5 = 1
(halting any further operation and requiring a reset command). A succeeding read shows that
the data is still 0. Only erase operations can convert a 0 to a 1.
Any commands written to the device during the Embedded Program Algorithm are ignored
except the Program Suspend command.
Secured Silicon Sector, Autoselect, and CFI functions are unavailable when a program oper-
ation is in progress.
A hardware reset immediately terminates the program operation and the program command
sequence should be reinitiated once the device has returned to the read mode, to ensure data
integrity.
Programming is allowed in any sequence and across sector boundaries for single word pro-
gramming operation.
8.5.1
Single Word Programming
Single word programming mode is the simplest method of programming. In this mode, four Flash
command write cycles are used to program an individual Flash address. The data for this pro-
gramming operation could be 8-, 16- or 32-bits wide. While this method is supported by all
Spansion devices, in general it is not recommended for devices that support Write Buffer Pro-
gramming. See Table 13.1 for the required bus cycles and Figure 8.3 for the flowchart.
When the Embedded Program algorithm is complete, the device then returns to the read mode
and addresses are no longer latched. The system can determine the status of the program oper-
ation by using DQ7 or DQ6. Refer to the Write Operation Status section for information on these
status bits.
During programming, any command (except the Suspend Program command) is ignored.
The Secured Silicon Sector, Autoselect, and CFI functions are unavailable when a program op-
eration is in progress.
A hardware reset immediately terminates the program operation. The program command se-
quence should be reinitiated once the device has returned to the read mode, to ensure data
integrity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com