Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S75WS256NDFBAWMB Datasheet(PDF) 54 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 54 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 50Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 51Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 52Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 53Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 54Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 55Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 56Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 57Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 58Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 216 page
background image
52
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
9
Advanced Sector Protection/Unprotection
The Advanced Sector Protection/Unprotection feature disables or enables programming or erase
operations in any or all sectors and can be implemented through software and/or hardware meth-
ods, which are independent of each other. This section describes the various methods of
protecting data stored in the memory array. An overview of these methods in shown in Figure 9.1.
Figure 9.1 Advanced Sector Protection/Unprotection
Hardware Methods
Software Methods
ACC = VIL
(All sectors locked)
WP# = VIL
(All boot
sectors locked)
Password Method
(DQ2)
Persistent Method
(DQ1)
Lock Register
(One Time Programmable)
PPB Lock Bit
1,2,3
64-bit Password
(One Time Protect)
1 = PPBs Unlocked
0 = PPBs Locked
Memory Array
Sector 0
Sector 1
Sector 2
Sector N-2
Sector N-1
Sector N
3
PPB 0
PPB 1
PPB 2
PPB N-2
PPB N-1
PPB N
Persistent
Protection Bit
(PPB)
4,5
DYB 0
DYB 1
DYB 2
DYB N-2
DYB N-1
DYB N
Dynamic
Protection Bit
(PPB)
6,7,8
6. 0 = Sector Protected,
1 = Sector Unprotected.
7. Protect effective only if PPB Lock Bit
is unlocked and corresponding PPB
is “1” (unprotected).
8. Volatile Bits: defaults to user choice
upon power-up (see ordering
options).
4. 0 = Sector Protected,
1 = Sector Unprotected.
5. PPBs programmed individually,
but cleared collectively
1. Bit is volatile, and defaults to “1” on
reset.
2. Programming to “0” locks all PPBs to
their current state.
3. Once programmed to “0”, requires
hardware reset to unlock.
3. N = Highest Address Sector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com