Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S75WS256NDFBAWMB Datasheet(PDF) 120 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 120 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 116Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 117Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 118Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 119Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 120Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 121Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 122Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 123Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 124Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 216 page
background image
118
S75WS256Nxx Based MCPs
S75WS-N-00_00_A0 February 17, 2005
Data
Sheet
tSEA. Any sector erase address and command following the exceeded time-out may or may not
be accepted. Any command other than Sector Erase or Erase Suspend during the time-out period
resets the device to the read mode.
The system can monitor DQ3 to determine if the sector erase timer has timed out (See DQ3: Sec-
tor Erase Timer.) The time-out begins from the rising edge of the final WE# pulse in the command
sequence.
When the Embedded Erase algorithm is complete, the device returns to reading array data and
addresses are no longer latched. The system can determine the status of the erase operation by
reading DQ7 or DQ6/DQ2. Refer to the Write Operation Status section for information on these
status bits.
Once the sector erase operation has begun, only the Erase Suspend command is valid. All other
commands are ignored. However, note that a hardware reset immediately terminates the erase
operation. If that occurs, the sector erase command sequence should be reinitiated once the de-
vice has returned to reading array data, to ensure data integrity.
Figure 20.4 illustrates the algorithm for the erase operation. Refer to the Erase/Program Opera-
tions table in the Erase/Program Operations section for parameters and timing diagrams.
19.10.1 Accelerated Sector Erase
Under certain conditions, the device can erase sectors in parallel. This method of erasing sectors
is faster than the standard sector erase command sequence. Table 19.6lists the sectors.
The accelerated sector erase function must not be used more than 100 times per sector.
In addition, accelerated sector erase should be performed at room temperature 30°C (+/-) 5°C.
Use the following procedure to perform accelerated sector erase:
1.
Unlock all sectors in a sector to be erased using the sector lock/unlock command sequence.
All sectors that remain locked will not be erased.
2.
Apply 9 V to the ACC input. This voltage must be applied at least 1 µs before executing
step 3.
3.
Write 80h to any address within a sector to be erased.
4.
Write 30h to any address within a sector to be erased.
5.
Monitor status bits DQ2/DQ6 or DQ7 to determine when erasure is complete, just as in the
standard erase operation. See the Write Operation Status section for further details.
6.
Lower ACC from 9 V to VCC.
7.
Relock sectors as required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com