Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTVA102001EA-V1-R0 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # PTVA102001EA-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 – 1600 MHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA102001EA-V1-R0 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  PTVA102001EA-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
PTVA102001EA
Rev. 05, 2023-07-10
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical RF Performance (data taken in production test fixture)
10
20
30
40
50
60
70
35
40
45
50
55
60
65
20
25
30
35
40
PIN (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 100 mA, TCASE = 25°C,
1ms pulse width, 10% duty cycle
1030 MHz
1090 MHz
1030 MHz
1090 MHz
Efficiency
Output Power
a102001ea_1ms_g1
14
15
16
17
18
19
20
22
26
30
34
38
42
PIN (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 100 mA, TCASE = 25°C,
1ms pulse width, 10% duty cycle
1030 MHz
1090 MHz
Gain
a102001ea_1ms_g2
Ordering Information
Type and Version
Order Code
Package Description
Shipping
PTVA102001EA V1 R0
PTVA102001EA-V1-R0
H-36265-2, bolt-down
Tape & Reel, 50 pcs
PTVA102001EA V1 R2
PTVA102001EA-V1-R2
H-36265-2, bolt-down
Tape & Reel, 250 pcs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com