Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTVA102001EA-V1-R0 Datasheet(PDF) 10 Page - WOLFSPEED, INC.

Part # PTVA102001EA-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 – 1600 MHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA102001EA-V1-R0 Datasheet(HTML) 10 Page - WOLFSPEED, INC.

Back Button PTVA102001EA-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 10Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 11Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 12Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 13Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
PTVA102001EA
Rev. 05, 2023-07-10
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Reference Circuit, 1030 – 1090 MHz
Reference circuit assembly diagram (not to scale)
R101
R102
C108
C106
R103
C103
R106
R107
C105
R105
C101
C107
R104
C104
C102
C204
C211
C205
C202
C201
C203
R201
C209
R202
RF_IN
RF_OUT
VDD
VGS
VDD
p t v a 1 0 2 0 0 1 e a _ C D _ 0 6 - 1 2 - 2 0 1 8 _ W S
PTVA102001EA_IN_02A
PTVA102001EA
_OUT_01A
RO6006, .025MIL (62)
RO6006, .025MIL (62)
C207
C206
C208
C210
S2
S1
S3
Reference Circuit Assembly
DUT
PTVA102001EA
Test Fixture Part No.
LTN/PTVA102001EA V1
PCB
Rogers 6006, 0.635 mm [0.025"] thick, 2 oz. copper, εr = 6.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com