Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTVA102001EA-V1-R0 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # PTVA102001EA-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 – 1600 MHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA102001EA-V1-R0 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  PTVA102001EA-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
PTVA102001EA
Rev. 05, 2023-07-10
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical RF Performance (cont.)
10
20
30
40
50
60
70
35
40
45
50
55
60
65
20
25
30
35
40
PIN (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 100 mA, TCASE = 25°C,
16ms pulse width, 50% duty cycle
1030 MHz
1090 MHz
1030 MHz
1090 MHz
Efficiency
Output Power
a102001ea_16ms_g1
13
14
15
16
17
18
19
20
20
25
30
35
40
PIN (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 100 mA, TCASE = 25°C,
16ms pulse width, 50% duty cycle
1030 MHz
1090 MHz
Gain
a102001ea_16ms_g2
30
40
50
60
70
16
17
18
19
20
1025
1050
1075
1100
Frequency (MHz)
Pulsed RF Performance
VDD = 50 V, IDQ = 100 mA, POUT = 200 W,
1ms pulse width, 10% duty cycle
Gain
Efficiency
a102001ea_1ms_g3
-12
-11
-10
-9
-8
0.10
0.11
0.12
0.13
0.14
1025
1050
1075
1100
Frequency (MHz)
Pulsed RF Performance
VDD = 50 V, IDQ = 100 mA, POUT = 200 W,
1ms pulse width, 10% duty cycle
Power Droop
IRL
a102001ea_1ms_g4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com