Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTVA102001EA-V1-R0 Datasheet(PDF) 11 Page - WOLFSPEED, INC.

Part # PTVA102001EA-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 – 1600 MHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA102001EA-V1-R0 Datasheet(HTML) 11 Page - WOLFSPEED, INC.

Back Button PTVA102001EA-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 10Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 11Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 12Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 13Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
PTVA102001EA
Rev. 05, 2023-07-10
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Reference Circuit (cont.)
Components Information
Component
Description
Manufacturer
P/N
Input
C101
Capacitor, 10 µF
TDK Corporation
C5750X5R1H106K230KA
C102, C103, C104
Capacitor, 1000 pF
Panasonic Electronic Components
ECJ-1VB1H102K
C105, C107
Capacitor, 39 pF
ATC
ATC100B390KW500XB
C106
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
C108
Capacitor, 3.6 pF
ATC
ATC100B3R6CW500XB
R101
Resistor, 5.6 W
Panasonic Electronic Components
ERJ-8RQJ5R6V
R102, R107
Resistor, 10 W
Panasonic Electronic Components
ERJ-8GEYJ100V
R103
Resistor, 1.3K W
Panasonic Electronic Components
ERJ-3GEYJ132V
R104
Resistor, 1.2K W
Panasonic Electronic Components
ERJ-3GEYJ122V
R105
Resistor, 2000 W
Panasonic Electronic Components
ERJ-8GEYJ202V
R106
Resistor, 1000 W
Panasonic Electronic Components
ERJ-8GEYJ102V
S1
Transistor
Infineon Technologies
BCP56
S2
Voltage Regulator
Texas Instruments
LM78L05ACM
S3
Potentiometer, 2k W
Bourns Inc.
3224W-1-202E
Output
C201, C211
Capacitor, 10 µF
TDK Corporation
C5750X5R1H106K230KA
C202, C205, C209
Capacitor, 39 pF
ATC
ATC100B390KW500XB
C203, C204
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
C206
Capacitor, 22 µF
Cornell Dubilier Electronics (CDE)
SEK220M100ST
C207
Capacitor, 10 µF
Cornell Dubilier Electronics (CDE)
SEK100M100ST
C208
Capacitor, 100 µF
Cornell Dubilier Electronics (CDE)
SK101M100ST
C210
Capacitor, 6800 µF
Panasonic Electronic Components
ECO-S2AP682EA
R201, R202
Resistor, 5.6 W
Panasonic Electronic Components
ERJ-8RQJ5R6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com