Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTVA102001EA-V1-R0 Datasheet(PDF) 8 Page - WOLFSPEED, INC.

Part # PTVA102001EA-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 – 1600 MHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA102001EA-V1-R0 Datasheet(HTML) 8 Page - WOLFSPEED, INC.

Back Button PTVA102001EA-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 10Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 11Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 12Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
PTVA102001EA
Rev. 05, 2023-07-10
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Load Pull Performance
Pulsed CW signal: 16 µs pulse width, 10% duty cycle, class AB, VDD = 50 V, IDQ = 90 mA
P3dB
Maximum Power
Freq
[MHz]
ZlN
[W]
POUT
[dBm]
POUT
[W]
PG
[dB]
PAE Eff [%]
ZOUT
[W]
960
0.97 – j4.50
54.99
315
16.56
59.8
2.04 – j0.34
1030
1.25 – j5.26
54.59
288
15.63
57.5
2.26 – j0.43
1090
1.80 – j5.85
54.53
284
15.64
58.9
1.77 – j0.33
1150
2.37 – j7.11
54.53
284
15.23
57.0
2.04 – j0.65
1200
2.51 – j6.97
54.31
270
15.13
55.3
2.09 – j0.67
1300
4.92 – j7.48
54.55
285
14.70
56.4
1.80 – j0.99
1400
10.54 – j3.45
54.41
276
14.27
55.7
1.43 – j1.28
1500
7.87 – j0.31
54.36
273
13.62
53.1
1.66 – j1.93
1600
3.97 – j1.99
54.19
262
13.10
52.3
1.49 – j2.21
Pulsed CW signal: 16 µs pulse width, 10% duty cycle, class AB, VDD = 50 V, IDQ = 90 mA
P3dB
Maximum Efficiency
Freq
[MHz]
ZlN
[W]
POUT
[dBm]
POUT
[W]
PG
[dB]
PAE Eff [%]
ZOUT
[W]
960
0.97 – j4.50
53.57
228
18.32
70.0
1.73 + j1.19
1030
1.25 – j5.26
53.42
220
17.35
67.2
1.63 + j0.98
1090
1.80 – j5.85
53.38
218
17.14
67.3
1.50 + j0.72
1150
2.37 – j7.11
53.47
222
16.82
65.8
1.41 + j0.42
1200
2.51 – j6.97
52.40
174
17.04
65.4
1.08 + j0.60
1300
4.92 – j7.48
53.17
207
16.41
65.5
1.17 – j0.02
1400
10.54 – j3.45
52.99
199
15.95
63.4
0.85 – j0.61
1500
7.87 – j0.31
53.17
208
15.20
60.8
1.01 – j1.19
1600
3.97 – j1.99
53.15
207
14.51
58.5
0.94 – j1.66
Z Source
Z Load
G
S
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com