Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W640FCB85N1F Datasheet(PDF) 76 Page - STMicroelectronics

Part # M28W640FCB85N1F
Description  64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FCB85N1F Datasheet(HTML) 76 Page - STMicroelectronics

Back Button M28W640FCB85N1F Datasheet HTML 69Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 70Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 71Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 72Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 73Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 74Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 75Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 76Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 77Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 76 / 77 page
background image
Revision history
M28W640FCT, M28W640FCB
76/77
Revision history
Table 34.
Document revision history
Date
Version
Revision details
24-May-2004
0.1
First Issue
23-Aug-2004
0.2
Figure 2: TSOP connections and Figure 3: TFBGA connections (top
view through package) updated.
08-Apr-2005
1.0
Datasheet maturity changed to PRELIMINARY DATA.
TSOP48 Package Mechanical Data updated in Table 20: TSOP48 - 48
lead Plastic Thin Small Outline, 12 x 20mm, package mechanical data.
21-Aug-2006
2
Document status promoted from Preliminary Data to full Datasheet.
tGLQV value changed for 100ns speed class (codified as 10 in part
numbering scheme) in Table 16: Read AC characteristics.
Blank and T options removed from below Option in Table 22 and
Table 23.
Packages are ECOPACK® compliant.
23-Oct-2006
3
The 0.13µm technology was removed from the device options of
Table 22: Ordering information scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com