Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W640FCB85N1F Datasheet(PDF) 29 Page - STMicroelectronics

Part # M28W640FCB85N1F
Description  64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FCB85N1F Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M28W640FCB85N1F Datasheet HTML 25Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 26Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 27Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 28Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 29Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 30Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 31Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 32Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
M28W640FCT, M28W640FCB
Block locking
29/77
Table 10.
Protection status
Current Protection Status(1)
(WP, DQ1, DQ0)
1.
The lock status is defined by the write protect pin and by DQ1 (‘1’ for a locked-down block) and DQ0 (‘1’ for
a locked block) as read in the Read Electronic Signature command with A1 = VIH and A0 = VIL.
Next Protection Status(1)
(WP, DQ1, DQ0)
Current State
Program/Erase
Allowed
After Block
Lock
Command
After Block
Unlock
Command
After Block
Lock-Down
Command
After WP
transition
1,0,0
yes
1,0,1
1,0,0
1,1,1
0,0,0
1,0,1(2)
2.
All blocks are locked at power-up, so the default configuration is 001 or 101 according to WP status.
no
1,0,1
1,0,0
1,1,1
0,0,1
1,1,0
yes
1,1,1
1,1,0
1,1,1
0,1,1
1,1,1
no
1,1,1
1,1,0
1,1,1
0,1,1
0,0,0
yes
0,0,1
0,0,0
0,1,1
1,0,0
0,0,1(2)
no
0,0,1
0,0,0
0,1,1
1,0,1
0,1,1
no
0,1,1
0,1,1
0,1,1
1,1,1 or 1,1,0 (3)
3.
A WP transition to VIH on a locked block will restore the previous DQ0 value, giving a 111 or 110.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com