Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W640FCB85N1F Datasheet(PDF) 49 Page - STMicroelectronics

Part # M28W640FCB85N1F
Description  64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FCB85N1F Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M28W640FCB85N1F Datasheet HTML 45Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 46Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 47Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 48Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 49Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 50Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 51Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 52Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
M28W640FCT, M28W640FCB
Part numbering
49/77
1.
Devices are shipped from the factory with the memory content bits erased to ’1’. For a list of available
options (Speed, Package, etc.) or for further information on any aspect of this device, please contact the
ST Sales Office nearest to you.
Table 23.
Daisy Chain ordering scheme
Example:
M28W640FC
-ZB T
Device type
M28W640FC
Daisy chain
-ZB = TFBGA48: 6.39 x 10.5mm, 0.75 mm pitch
Option
E = ECOPACK® Package, Standard Packing
F = ECOPACK® Package, Tape & Reel Packing, 24mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com