Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W640FCB85N1F Datasheet(PDF) 34 Page - STMicroelectronics

Part # M28W640FCB85N1F
Description  64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FCB85N1F Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M28W640FCB85N1F Datasheet HTML 30Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 31Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 32Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 33Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 34Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 35Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 36Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 37Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
DC and AC parameters
M28W640FCT, M28W640FCB
34/77
8
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics Tables that
follow, are derived from tests performed under the Measurement Conditions summarized in
Table 13: Operating and AC measurement conditions. Designers should check that the
operating conditions in their circuit match the measurement conditions when relying on the
quoted parameters.
Figure 6.
AC measurement I/O waveform
Table 13.
Operating and AC measurement conditions
Parameter
M28W640FCT, M28W640FCB
70
85
90
10
Units
Min
Max
Min
Max
Min
Max
Min
Max
VDD supply voltage
2.7
3.6
2.7
3.6
2.7
3.6
2.7
3.6
V
VDDQ supply voltage
(VDDQ ≤VDD)
2.73.6
2.73.6
2.73.6
1.65
3.6
V
Ambient Operating
Temperature
–40
85
–40
85
–40
85
–40
85
°C
Load capacitance (CL)
505050
50
pF
Input Rise and Fall Times
5
5
5
5
ns
Input pulse voltages
0 to VDDQ
0 to VDDQ
0 to VDDQ
0 to VDDQ
V
Input and Output Timing
Ref. voltages
VDDQ/2
VDDQ/2
VDDQ/2
VDDQ/2
V
AI00610
VDDQ
0V
VDDQ/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com