Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W640FCB85N1F Datasheet(PDF) 16 Page - STMicroelectronics

Part # M28W640FCB85N1F
Description  64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FCB85N1F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M28W640FCB85N1F Datasheet HTML 12Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 13Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 14Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 15Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 16Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 17Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 18Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 19Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
Command interface
M28W640FCT, M28W640FCB
16/77
4
Command interface
All Bus Write operations to the memory are interpreted by the Command Interface.
Commands consist of one or more sequential Bus Write operations. An internal
Program/Erase Controller handles all timings and verifies the correct execution of the
Program and Erase commands. The Program/Erase Controller provides a Status Register
whose output may be read at any time during, to monitor the progress of the operation, or
the Program/Erase states. See Table 3: Command codes, for a summary of the commands
and see Appendix D, Table 32: Write State machine Current/Next, for a summary of the
Command Interface.
The Command Interface is reset to Read mode when power is first applied, when exiting
from Reset or whenever VDD is lower than VLKO. Command sequences must be followed
exactly. Any invalid combination of commands will reset the device to Read mode. Refer to
Table 4: Commands, in conjunction with the text descriptions below.
4.1
Read Memory Array command
The Read command returns the memory to its Read mode. One Bus Write cycle is required
to issue the Read Memory Array command and return the memory to Read mode.
Subsequent read operations will read the addressed location and output the data. When a
device Reset occurs, the memory defaults to Read mode.
4.2
Read Status Register command
The Status Register indicates when a program or erase operation is complete and the
success or failure of the operation itself. Issue a Read Status Register command to read the
Status Register’s contents. Subsequent Bus Read operations read the Status Register at
any address, until another command is issued. See Table 11: Status Register bits, for details
on the definitions of the bits.
The Read Status Register command may be issued at any time, even during a
Program/Erase operation. Any Read attempt during a Program/Erase operation will
automatically output the content of the Status Register.
4.3
Read electronic signature command
The Read Electronic Signature command reads the Manufacturer and Device Codes and
the Block Locking Status, or the Protection Register.
The Read Electronic Signature command consists of one write cycle, a subsequent read will
output the Manufacturer Code, the Device Code, the Block Lock and Lock-Down Status, or
the Protection and Lock Register. See Tables 5, 6 and 7 for the valid address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com