Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W640FCB85N1F Datasheet(PDF) 20 Page - STMicroelectronics

Part # M28W640FCB85N1F
Description  64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FCB85N1F Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M28W640FCB85N1F Datasheet HTML 16Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 17Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 18Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 19Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 20Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 21Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 22Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 23Page - STMicroelectronics M28W640FCB85N1F Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 77 page
background image
Command interface
M28W640FCT, M28W640FCB
20/77
4.10
Program/Erase Suspend command
The Program/Erase Suspend command is used to pause a Program or Erase operation.
One bus write cycle is required to issue the Program/Erase command and pause the
Program/Erase controller.
During Program/Erase Suspend the Command Interface will accept the Program/Erase
Resume, Read Array, Read Status Register, Read Electronic Signature and Read CFI
Query commands. Additionally, if the suspend operation was Erase then the Program,
Double Word Program, Quadruple Word Program, Block Lock, Block Lock-Down or
Protection Program commands will also be accepted. The block being erased may be
protected by issuing the Block Protect, Block Lock or Protection Program commands. When
the Program/Erase Resume command is issued the operation will complete. Only the blocks
not being erased may be read or programmed correctly.
During a Program/Erase Suspend, the device can be placed in a pseudo-standby mode by
taking Chip Enable to VIH. Program/Erase is aborted if Reset turns to VIL.
See Appendix C, Figure 19: Program Suspend & Resume flowchart and pseudo code, and
Figure 21: Erase Suspend & Resume flowchart and pseudo code, for flowcharts for using
the Program/Erase Suspend command.
4.11
Program/Erase Resume command
The Program/Erase Resume command can be used to restart the Program/Erase Controller
after a Program/Erase Suspend operation has paused it. One Bus Write cycle is required to
issue the command. Once the command is issued subsequent Bus Read operations read
the Status Register.
See Appendix C, Figure 19: Program Suspend & Resume flowchart and pseudo code, and
Figure 21: Erase Suspend & Resume flowchart and pseudo code, for flowcharts for using
the Program/Erase Resume command.
4.12
Protection Register Program command
The Protection Register Program command is used to Program the 128 bit user One-Time-
Programmable (OTP) segment of the Protection Register. The segment is programmed 16
bits at a time. When shipped all bits in the segment are set to ‘1’. The user can only program
the bits to ‘0’.
Two write cycles are required to issue the Protection Register Program command.
●
The first bus cycle sets up the Protection Register Program command.
●
The second latches the Address and the Data to be written to the Protection Register
and starts the Program/Erase Controller.
Read operations output the Status Register content after the programming has started.
The segment can be protected by programming bit 1 of the Protection Lock Register (see
Figure 5: Protection Register memory map). Attempting to program a previously protected
Protection Register will result in a Status Register error. The protection of the Protection
Register is not reversible.
The Protection Register Program cannot be suspended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com