Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QY4MPE Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MC908QY4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QY4MPE Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MC908QY4MPE Datasheet HTML 69Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 70Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 71Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 72Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 73Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 74Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 75Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 76Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 184 page
background image
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
73
Chapter 8
External Interrupt (IRQ)
8.1 Introduction
The IRQ pin (external interrupt), shared with PTA2 (general purpose input) and keyboard interrupt (KBI),
provides a maskable interrupt input
8.2 Features
Features of the IRQ module include the following:
•
External interrupt pin, IRQ
•IRQ interrupt control bits
•
Programmable edge-only or edge and level interrupt sensitivity
•
Automatic interrupt acknowledge
•
Selectable internal pullup resistor
8.3 Functional Description
IRQ pin functionality is enabled by setting configuration register 2 (CONFIG2) IRQEN bit accordingly. A
zero disables the IRQ function and PTA2 will assume the other shared functionalities. A one enables the
IRQ function.
A low level applied to the external interrupt request (IRQ) pin can latch a CPU interrupt request.
Figure 8-2 shows the structure of the IRQ module.
Interrupt signals on the IRQ pin are latched into the IRQ latch. The IRQ latch remains set until one of the
following actions occurs:
•
IRQ vector fetch — An IRQ vector fetch automatically generates an interrupt acknowledge signal
that clears the IRQ latch.
•
Software clear — Software can clear the IRQ latch by writing a 1 to the ACK bit in the interrupt
status and control register (INTSCR).
•
Reset — A reset automatically clears the IRQ latch.
The external interrupt pin is falling-edge-triggered out of reset and is software-configurable to be either
falling-edge or falling-edge and low-level triggered. The MODE bit in INTSCR controls the triggering
sensitivity of the IRQ pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com