Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QY4MPE Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MC908QY4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QY4MPE Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MC908QY4MPE Datasheet HTML 14Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 15Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 16Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 17Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 18Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 19Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 20Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 21Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 184 page
background image
General Description
MC68HC908QY/QT Family Data Sheet, Rev. 5
18
Freescale Semiconductor
•
On-chip in-application programmable FLASH memory (with internal program/erase voltage
generation)
–
MC68HC908QY4 and MC68HC908QT4 — 4096 bytes
–
MC68HC908QY2, MC68HC908QY1, MC68HC908QT2, and MC68HC908QT1 — 1536 bytes
•
128 bytes of on-chip random-access memory (RAM)
•
2-channel, 16-bit timer interface module (TIM)
•
4-channel, 8-bit analog-to-digital converter (ADC) on MC68HC908QY2, MC68HC908QY4,
MC68HC908QT2, and MC68HC908QT4
•
5 or 13 bidirectional input/output (I/O) lines and one input only:
–
Six shared with keyboard interrupt function and ADC
–
Two shared with timer channels
–
One shared with external interrupt (IRQ)
–
Eight extra I/O lines on 16-pin package only
–
High current sink/source capability on all port pins
–
Selectable pullups on all ports, selectable on an individual bit basis
–
Three-state ability on all port pins
•
6-bit keyboard interrupt with wakeup feature (KBI)
•
Low-voltage inhibit (LVI) module features:
–
Software selectable trip point in CONFIG register
•
System protection features:
–
Computer operating properly (COP) watchdog
–
Low-voltage detection with reset
–
Illegal opcode detection with reset
–
Illegal address detection with reset
•
External asynchronous interrupt pin with internal pullup (IRQ) shared with general-purpose input
pin
•
Master asynchronous reset pin (RST) shared with general-purpose input/output (I/O) pin
•
Power-on reset
•
Internal pullups on IRQ and RST to reduce external components
•
Memory mapped I/O registers
•
Power saving stop and wait modes
•
MC68HC908QY4, MC68HC908QY2, and MC68HC908QY1 are available in these packages:
–
16-pin plastic dual in-line package (PDIP)
–
16-pin small outline integrated circuit (SOIC) package
–
16-pin thin shrink small outline package (TSSOP)
•
MC68HC908QT4, MC68HC908QT2, and MC68HC908QT1 are available in these packages:
–
8-pin PDIP
–
8-pin SOIC
–
8-pin dual flat no lead (DFN) package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com