Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QY4MPE Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MC908QY4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QY4MPE Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MC908QY4MPE Datasheet HTML 75Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 76Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 77Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 78Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 79Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 80Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 81Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 82Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 184 page
background image
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
79
Chapter 9
Keyboard Interrupt Module (KBI)
9.1 Introduction
The keyboard interrupt module (KBI) provides six independently maskable external interrupts, which are
accessible via the PTA0–PTA5 pins.
9.2 Features
Features of the keyboard interrupt module include:
•
Six keyboard interrupt pins with separate keyboard interrupt enable bits and one keyboard interrupt
mask
•
Software configurable pullup device if input pin is configured as input port bit
•
Programmable edge-only or edge and level interrupt sensitivity
•
Exit from low-power modes
9.3 Functional Description
The keyboard interrupt module controls the enabling/disabling of interrupt functions on the six port A pins.
These six pins can be enabled/disabled independently of each other. Refer to Figure 9-2.
9.3.1 Keyboard Operation
Writing to the KBIE0–KBIE5 bits in the keyboard interrupt enable register (KBIER) independently enables
or disables each port A pin as a keyboard interrupt pin. Enabling a keyboard interrupt pin in port A also
enables its internal pullup device irrespective of PTAPUEx bits in the port A input pullup enable register
(see 12.2.3 Port A Input Pullup Enable Register). A logic 0 applied to an enabled keyboard interrupt pin
latches a keyboard interrupt request.
A keyboard interrupt is latched when one or more keyboard interrupt inputs goes low after all were high.
The MODEK bit in the keyboard status and control register controls the triggering mode of the keyboard
interrupt.
•
If the keyboard interrupt is edge-sensitive only, a falling edge on a keyboard interrupt input does
not latch an interrupt request if another keyboard pin is already low. To prevent losing an interrupt
request on one input because another input is still low, software can disable the latter input while
it is low.
•
If the keyboard interrupt is falling edge and low-level sensitive, an interrupt request is present as
long as any keyboard interrupt input is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com