Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QY4MPE Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # MC908QY4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QY4MPE Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button MC908QY4MPE Datasheet HTML 86Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 87Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 88Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 89Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 90Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 91Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 92Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 93Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 184 page
background image
Oscillator Module (OSC)
MC68HC908QY/QT Family Data Sheet, Rev. 5
90
Freescale Semiconductor
Figure 11-1. Block Diagram Highlighting OSC Block and Pins
11.3.1 Internal Oscillator
The internal oscillator circuit is designed for use with no external components to provide a clock source
with tolerance less than ±25% untrimmed.An 8-bit trimming register allows adjustment to a tolerance of
less than ±5%.
The internal oscillator will generate a clock of 12.8 MHz typical (INTCLK) resulting in a bus speed (internal
clock
÷ 4) of 3.2 MHz. 3.2 MHz came from the maximum bus speed guaranteed at 3 V which is 4
MHz.Since the internal oscillator will have a ±25% tolerance (pre-trim), then the +25% case should not
allow a frequency higher than 4 MHz:
3.2 MHz + 25% = 4 MHz
Figure 11-3 shows how BUSCLKX4 is derived from INTCLK and, like the RC oscillator, OSC2 can output
BUSCLKX4 by setting OSC2EN in PTAPUE register. See Chapter 12 Input/Output Ports (PORTS)
PTA0/AD0/TCH0/KBI0
PTA1/AD1/TCH1/KBI1
PTA2/IRQ/KBI2/TCLK
PTA3/RST/KBI3
PTA4/OSC2/AD2/KBI4
PTA5/OSC1/AD3/KBI5
KEYBOARD INTERRUPT
MODULE
CLOCK
GENERATOR
(OSCILLATOR)
SYSTEM INTEGRATION
MODULE
SINGLE INTERRUPT
MODULE
BREAK
MODULE
POWER-ON RESET
MODULE
16-BIT TIMER
MODULE
COP
MODULE
MONITOR ROM
PTB0
M68HC08 CPU
PTB1
PTB2
PTB3
PTB4
PTB5
PTB6
PTB7
8-BIT ADC
128 BYTES RAM
MC68HC908QY4 AND MC68HC908QT4
4096 BYTES
MC68HC908QY2, MC68HC908QY1,
MC68HC908QT2, AND MC68HC908QT1:
1536 BYTES
USER FLASH
POWER SUPPLY
VDD
VSS
RST, IRQ: Pins have internal (about 30K Ohms) pull up
PTA[0:5]: High current sink and source capability
PTA[0:5]: Pins have programmable keyboard interrupt and pull up
PTB[0:7]: Not available on 8-pin devices – MC68HC908QT1, MC68HC908QT2, and MC68HC908QT4 (see note in
12.1 Introduction)
ADC: Not available on the MC68HC908QY1 and MC68HC908QT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com