Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QY4MPE Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MC908QY4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QY4MPE Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MC908QY4MPE Datasheet HTML 70Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 71Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 72Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 73Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 74Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 75Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 76Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 77Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 184 page
background image
External Interrupt (IRQ)
MC68HC908QY/QT Family Data Sheet, Rev. 5
74
Freescale Semiconductor
Figure 8-1. Block Diagram Highlighting IRQ Block and Pins
When set, the IMASK bit in INTSCR masks the IRQ interrupt request. A latched interrupt request is not
presented to the interrupt priority logic unless IMASK is clear.
NOTE
The interrupt mask (I) in the condition code register (CCR) masks all
interrupt requests, including the IRQ interrupt request.
A falling edge on the IRQ pin can latch an interrupt request into the IRQ latch. An IRQ vector fetch,
software clear, or reset clears the IRQ latch.
PTA0/AD0/TCH0/KBI0
PTA1/AD1/TCH1/KBI1
PTA2/IRQ/KBI2/TCLK
PTA3/RST/KBI3
PTA4/OSC2/AD2/KBI4
PTA5/OSC1/AD3/KBI5
KEYBOARD INTERRUPT
MODULE
CLOCK
GENERATOR
(OSCILLATOR)
SYSTEM INTEGRATION
MODULE
SINGLE INTERRUPT
MODULE
BREAK
MODULE
POWER-ON RESET
MODULE
16-BIT TIMER
MODULE
COP
MODULE
MONITOR ROM
PTB0
M68HC08 CPU
PTB1
PTB2
PTB3
PTB4
PTB5
PTB6
PTB7
8-BIT ADC
128 BYTES RAM
MC68HC908QY4 AND MC68HC908QT4
4096 BYTES
MC68HC908QY2, MC68HC908QY1,
MC68HC908QT2, AND MC68HC908QT1:
1536 BYTES
USER FLASH
POWER SUPPLY
VDD
VSS
RST, IRQ: Pins have internal (about 30K Ohms) pull up
PTA[0:5]: High current sink and source capability
PTA[0:5]: Pins have programmable keyboard interrupt and pull up
PTB[0:7]: Not available on 8-pin devices – MC68HC908QT1, MC68HC908QT2, and MC68HC908QT4 (see note in
12.1 Introduction)
ADC: Not available on the MC68HC908QY1 and MC68HC908QT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com