Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QY4MPE Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MC908QY4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QY4MPE Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MC908QY4MPE Datasheet HTML 78Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 79Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 80Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 81Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 82Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 83Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 84Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 85Page - Freescale Semiconductor, Inc MC908QY4MPE Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 184 page
background image
Keyboard Interrupt Module (KBI)
MC68HC908QY/QT Family Data Sheet, Rev. 5
82
Freescale Semiconductor
To determine the logic level on a keyboard interrupt pin, use the data direction register to configure the
pin as an input and then read the data register.
NOTE
Setting a keyboard interrupt enable bit (KBIEx) forces the corresponding
keyboard interrupt pin to be an input, overriding the data direction register.
However, the data direction register bit must be a 0 for software to read the
pin.
9.3.2 Keyboard Initialization
When a keyboard interrupt pin is enabled, it takes time for the internal pullup to reach a logic 1. Therefore
a false interrupt can occur as soon as the pin is enabled.
To prevent a false interrupt on keyboard initialization:
1.
Mask keyboard interrupts by setting the IMASKK bit in the keyboard status and control register.
2.
Enable the KBI pins by setting the appropriate KBIEx bits in the keyboard interrupt enable register.
3.
Write to the ACKK bit in the keyboard status and control register to clear any false interrupts.
4.
Clear the IMASKK bit.
An interrupt signal on an edge-triggered pin can be acknowledged immediately after enabling the pin. An
interrupt signal on an edge- and level-triggered interrupt pin must be acknowledged after a delay that
depends on the external load.
Another way to avoid a false interrupt:
1.
Configure the keyboard pins as outputs by setting the appropriate DDRA bits in the data direction
register A.
2.
Write 1s to the appropriate port A data register bits.
3.
Enable the KBI pins by setting the appropriate KBIEx bits in the keyboard interrupt enable register.
9.4 Wait Mode
The keyboard module remains active in wait mode. Clearing the IMASKK bit in the keyboard status and
control register enables keyboard interrupt requests to bring the MCU out of wait mode.
9.5 Stop Mode
The keyboard module remains active in stop mode. Clearing the IMASKK bit in the keyboard status and
control register enables keyboard interrupt requests to bring the MCU out of stop mode.
9.6 Keyboard Module During Break Interrupts
The system integration module (SIM) controls whether the keyboard interrupt latch can be cleared during
the break state. The BCFE bit in the break flag control register (BFCR) enables software to clear status
bits during the break state.
To allow software to clear the keyboard interrupt latch during a break interrupt, write a 1 to the BCFE bit.
If a latch is cleared during the break state, it remains cleared when the MCU exits the break state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com