Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD703003A Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # UPD703003A
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD703003A Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button UPD703003A Datasheet HTML 36Page - Renesas Technology Corp UPD703003A Datasheet HTML 37Page - Renesas Technology Corp UPD703003A Datasheet HTML 38Page - Renesas Technology Corp UPD703003A Datasheet HTML 39Page - Renesas Technology Corp UPD703003A Datasheet HTML 40Page - Renesas Technology Corp UPD703003A Datasheet HTML 41Page - Renesas Technology Corp UPD703003A Datasheet HTML 42Page - Renesas Technology Corp UPD703003A Datasheet HTML 43Page - Renesas Technology Corp UPD703003A Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
µPD703003A, 703004A, 703025A, 703003A(A), 703025A(A)
38
Data Sheet U13188EJ6V1DS
Table 5-1. Surface Mounting Type Soldering Conditions (2/2)
(2)
µPD703003AGC-33-xxx-8EU-A: 100-pin plastic LQFP (fine pitch) (14 × 14)
µPD703025AGC-33-xxx-8EU-A: 100-pin plastic LQFP (fine pitch) (14 × 14)
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
IR60-207-3
Wave soldering
—
Partial heating
—
Note After opening the dry pack, store it at 25
°C or less and 65% RH or less for the allowable storage period.
Caution Do not use different soldering methods together (except for partial heating).
Remarks 1. Products with -A at the end of the part number are lead-free products.
2. For soldering methods and conditions other than those recommended above, consult an NEC
Electronics sales representative.
Package peak temperature: 260
°C, Time: 60 seconds max. (at 220°C or
higher), Count: Three times or less, Exposure limit: 7 daysNote (after that,
prebake at 125
°C for 20 to 72 hours)
For details, consult an NEC Electronics sales representative.
Pin temperature: 350
°C max., Time: 3 seconds max. (per pin row)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com