Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD703003A Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # UPD703003A
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD703003A Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button UPD703003A Datasheet HTML 16Page - Renesas Technology Corp UPD703003A Datasheet HTML 17Page - Renesas Technology Corp UPD703003A Datasheet HTML 18Page - Renesas Technology Corp UPD703003A Datasheet HTML 19Page - Renesas Technology Corp UPD703003A Datasheet HTML 20Page - Renesas Technology Corp UPD703003A Datasheet HTML 21Page - Renesas Technology Corp UPD703003A Datasheet HTML 22Page - Renesas Technology Corp UPD703003A Datasheet HTML 23Page - Renesas Technology Corp UPD703003A Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
µPD703003A, 703004A, 703025A, 703003A(A), 703025A(A)
18
Data Sheet U13188EJ6V1DS
DC Characteristics (TA = –40 to +85
°C, VDD = 5.0 V ±10%, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input voltage, high
VIH
Except for X1 and pins listed in Note1
2.2
VDD + 0.3
V
Note 1
0.8VDD
VDD + 0.3
V
Input voltage, low
VIL
Except for X1 and pins listed in Note1
–0.5
+0.8
V
Note 1
–0.5
0.2VDD
V
Clock input voltage, high
VXH
X1
0.8VDD
VDD + 0.5
V
Clock input voltage, low
VXL
X1
–0.5
+0.6
V
Schmitt-triggered input
VT+
Note 1, rising edge
3.0
V
Threshold voltage
VT–
Note 1, falling edge
2.0
V
Schmitt-triggered input hysteresis width VT+ – VT–
Note 1
0.5
V
Output voltage, high
VOH
IOH = –2.5 mA
0.7VDD
V
IOH = –100
µAVDD – 0.4
V
Output voltage, low
VOL
IOL = 2.5 mA
0.45
V
Input leakage current, high
ILIH
VI = VDD
10
µA
Input leakage current, low
ILIL
VI = 0 V
–10
µA
Output leakage current, high
ILOH
VO = VDD
10
µA
Output leakage current, low
ILOL
VO = 0 V
–10
µA
Software pull-up resistor
R
P35 to P37 and their
15
40
90
k
Ω
alternate-function pins
Power
µPD703003A, When
IDD1
Direct mode
1.9
×
φ + 5 2.1 × φ + 17
mA
supply 703004A,
operating
PLL mode
2.0
×
φ + 7 2.2 × φ + 20
mA
current
703003A(A)
In
IDD2
Direct mode
1.2
×
φ + 5 1.3 × φ + 13 mA
HALT mode
PLL mode
1.3
×
φ + 7 1.4 × φ + 15 mA
In
IDD3
Direct mode
8
×
φ + 300 10 × φ + 500
µA
IDLE mode
PLL mode
0.1
×
φ + 2 0.2 ×
φ + 3
mA
In
IDD4
Note 2
250
µA
STOP mode
Note 3
2
200
µA
µPD703025A, When
IDD1
Direct mode
2.5
×
φ + 2 2.8 × φ + 16.5
mA
703025A(A)
operating
PLL mode
2.6
×
φ + 4 2.9 × φ +19.5 mA
In
IDD2
Direct mode
1.3
×
φ + 5 1.4 × φ + 13 mA
HALT mode
PLL mode
1.3
×
φ + 10 1.4 × φ + 18 mA
In
IDD3
Direct mode
8
×
φ + 300 10 × φ + 500
µA
IDLE mode
PLL mode
0.1
×
φ + 2 0.2 ×
φ + 3
mA
In
IDD4
Note 2
250
µA
STOP mode
Note 3
2
200
µA
Notes 1. P02 to P07, P12 to P17, P23, P24, P26, P27, P32 to P37, P112 to P117, RESET, NMI, MODE, and
their alternate-function pins.
2. –40
°C ≤ TA ≤ +50°C
3. 50
°C < TA ≤ 85°C
Remarks 1. TYP. values are reference values for when TA = 25
°C (except for the conditions in Note 3) and VDD
= 5.0 V. The power supply current does not include AVREF1 to AVREF3 or the current that flows through
software pull-up resistors.
2.
φ = Internal system clock frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com