Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD703003A Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # UPD703003A
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD703003A Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button UPD703003A Datasheet HTML 13Page - Renesas Technology Corp UPD703003A Datasheet HTML 14Page - Renesas Technology Corp UPD703003A Datasheet HTML 15Page - Renesas Technology Corp UPD703003A Datasheet HTML 16Page - Renesas Technology Corp UPD703003A Datasheet HTML 17Page - Renesas Technology Corp UPD703003A Datasheet HTML 18Page - Renesas Technology Corp UPD703003A Datasheet HTML 19Page - Renesas Technology Corp UPD703003A Datasheet HTML 20Page - Renesas Technology Corp UPD703003A Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
15
µPD703003A, 703004A, 703025A, 703003A(A), 703025A(A)
Data Sheet U13188EJ6V1DS
3. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°C)
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VDD
VDD pin
–0.5 to +7.0
V
CVDD
CVDD pin
–0.5 to VDD + 0.3
Note 1
V
CVSS
CVSS pin
–0.5 to +0.5
V
AVDD
AVDD pin
–0.5 to VDD + 0.3
Note 1
V
AVSS
AVSS pin
–0.5 to +0.5
V
Input voltage
VI1
Note 2, VDD = 5.0 V
±10%
–0.5 to VDD + 0.3
Note 1
V
Clock input voltage
VK
X1 pin, VDD = 5.0 V
±10%
–0.5 to VDD + 1.0
Note 1
V
Output current, low
IOL
Per pin
4.0
mA
Total for all pins
100
mA
Output current, high
IOH
Per pin
–4.0
mA
Total for all pins
–100
mA
Output voltage
VO
VDD = 5.0 V
±10%
–0.5 to VDD + 0.3
Note 1
V
Analog input voltage
VIAN
P70/ANI0 to P77/ANI7
AVDD > VDD
–0.5 to VDD + 0.3
Note 1
V
VDD
≥ AVDD
–0.5 to AVDD + 0.3
Note 1
V
Analog reference input voltage
AVREF
AVREF1 to AVREF3
AVDD > VDD
–0.5 to VDD + 0.3
Note 1
V
VDD
≥ AVDD
–0.5 to AVDD + 0.3
Note 1
V
Operating ambient temperature
TA
–40 to +85
°C
Storage temperature
Tstg
–65 to +150
°C
Notes 1. Be sure not to exceed the absolute maximum ratings (MAX. value) of each supply voltage.
2. X1, P70 to P77, AVREF1 to AVREF3, and their alternate-function pins are excluded.
Cautions 1. Avoid direct connections among the IC device output (or I/O) pins and between VDD or VCC
and GND.
However, direct connections among open-drain and open-collector pins are
possible, as are direct connections to external circuits that have timing designed to prevent
output conflict with pins that become high-impedance.
2. Product quality may suffer if the absolute maximum rating is exceeded even momentarily for
any parameter. That is, the absolute maximum ratings are rated values at which the product
is on the verge of suffering physical damage, and therefore the product must be used under
conditions that ensure that the absolute maximum ratings are not exceeded.
The ratings and conditions shown below for DC characteristics and AC characteristics are
within the range for normal operation and quality assurance.
Capacitance (TA = 25
°C, VDD = VSS = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input capacitance
CI
fC = 1 MHz
15
pF
I/O capacitance
CIO
Unmeasured pins returned to 0 V.
15
pF
Output capacitance
CO
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com