Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD703003A Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # UPD703003A
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD703003A Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button UPD703003A Datasheet HTML 14Page - Renesas Technology Corp UPD703003A Datasheet HTML 15Page - Renesas Technology Corp UPD703003A Datasheet HTML 16Page - Renesas Technology Corp UPD703003A Datasheet HTML 17Page - Renesas Technology Corp UPD703003A Datasheet HTML 18Page - Renesas Technology Corp UPD703003A Datasheet HTML 19Page - Renesas Technology Corp UPD703003A Datasheet HTML 20Page - Renesas Technology Corp UPD703003A Datasheet HTML 21Page - Renesas Technology Corp UPD703003A Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
µPD703003A, 703004A, 703025A, 703003A(A), 703025A(A)
16
Data Sheet U13188EJ6V1DS
Operating Conditions
Operation Mode
Internal System Clock Frequency (
φ)
Operating Ambient
Power Supply
Temperature (TA)
Voltage (VDD)
Direct mode, PLL mode
2 to 33 MHzNote 1
–40 to +85
°C
5.0 V
±10%
5 to 33 MHzNote 2
–40 to +85
°C
5.0 V
±10%
Notes 1. When not using A/D converter
2. When using A/D converter
Recommended Oscillator
Caution For the resonator selection and oscillator constant of the
µPD703003A(A) and 703025A(A),
customers are requested to apply to the resonator manufacturer for evaluation.
(1) Ceramic resonator connection (TA = –40 to +85
°C)
(a)
µPD703003A, 703004A
X1
X2
C1
C2
Rd
Manufacturer
Part Number
Oscillation
Recommended
Oscillation
Oscillation
Frequency
Circuit Constant
Voltage Range
Stabilization Time
fXX (MHz)
C1 (pF)
C2 (pF)
Rd (
Ω)
MIN. (V)
MAX. (V) (MAX.) TOST (ms)
Kyocera
PBRC5.00B
5.0
On-chip
On-chip
680
4.5
5.5
0.14
Corporation
PBRC6.60B
6.6
On-chip
On-chip
—
4.5
5.5
0.08
TDK
CCR5.0MC3
5.0
On-chip
On-chip
—
4.5
5.5
0.19
FCR5.0MC5
5.0
On-chip
On-chip
—
4.5
5.5
0.16
CCR6.6MC3
6.6
On-chip
On-chip
—
4.5
5.5
0.17
Murata Mfg.
CSA5.00MG040
5.0
100
100
—
4.5
5.5
0.32
Co., Ltd
CST5.00MGW040
5.0
On-chip
On-chip
—
4.5
5.5
0.32
CSA6.60MTZ040
6.6
100
100
—
4.5
5.5
0.72
CST6.60MTW040
6.6
On-chip
On-chip
—
4.5
5.5
0.72
Cautions 1. Connect the oscillator as closely to the X1 and X2 pins as possible.
2. Do not wire any other signal lines in the area indicated by the broken lines.
3. Thoroughly evaluate the matching between the
µPD703003A or 703004A and the resonator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com