Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD703003A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPD703003A
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD703003A Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPD703003A Datasheet HTML 2Page - Renesas Technology Corp UPD703003A Datasheet HTML 3Page - Renesas Technology Corp UPD703003A Datasheet HTML 4Page - Renesas Technology Corp UPD703003A Datasheet HTML 5Page - Renesas Technology Corp UPD703003A Datasheet HTML 6Page - Renesas Technology Corp UPD703003A Datasheet HTML 7Page - Renesas Technology Corp UPD703003A Datasheet HTML 8Page - Renesas Technology Corp UPD703003A Datasheet HTML 9Page - Renesas Technology Corp UPD703003A Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
µPD703003A, 703004A, 703025A, 703003A(A), 703025A(A)
4
Data Sheet U13188EJ6V1DS
PIN NAMES
A16 to A19:
Address bus
P30 to P37:
Port 3
AD0 to AD15:
Address/data bus
P40 to P47:
Port 4
ADTRG:
A/D trigger input
P50 to P57:
Port 5
ANI0 to ANI7:
Analog input
P60 to P63:
Port 6
ANO0, ANO1:
Analog output
P70 to P77:
Port 7
ASTB:
Address strobe
P90 to P96:
Port 9
AVDD:
Analog power supply
P110 to P117:
Port 11
AVREF1 to AVREF3:
Analog reference voltage
PWM0, PWM1:
Pulse width modulation
AVSS:
Analog ground
RESET:
Reset
CVDD:
Power supply for clock generator
R/W:
Read/write status
CVSS:
Ground for clock generator
RXD0, RXD1:
Receive data
CKSEL:
Clock select
SCK0 to SCK3:
Serial clock
CLKOUT:
Clock output
SI0 to SI3:
Serial input
DSTB:
Data strobe
SO0 to SO3:
Serial output
HLDAK:
Hold acknowledge
TO110, TO111,
HLDRQ:
Hold request
TO120, TO121,
IC:
Internally connected
TO130, TO131,
INTP110 to INTP113,
TO140, TO141:
Timer output
INTP120 to INTP123,
TCLR11 to TCLR14: Timer clear
INTP130 to INTP133,
TI11 to TI14:
Timer input
INTP140 to INTP143: Interrupt request from peripherals
TXD0, TXD1:
Transmit data
LBEN:
Lower byte enable
UBEN:
Upper byte enable
MODE:
Mode
WAIT:
Wait
NMI:
Non-maskable interrupt request
X1, X2:
Crystal
P00 to P07:
Port 0
VDD:
Power supply
P10 to P17:
Port 1
VSS:Ground
P20 to P27:
Port 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com