Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND04GA3C2AN6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # NAND04GA3C2AN6F
Description  4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GA3C2AN6F Datasheet(HTML) 1 Page - STMicroelectronics

  NAND04GA3C2AN6F Datasheet HTML 1Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 2Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 3Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 4Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 5Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 6Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 7Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 8Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
November 2006
Rev 2
1/51
1
NAND04GA3C2A
NAND04GW3C2A
4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
Features
■
High density multi-level Cell (MLC) NAND
Flash memories:
– Up to 128 Mbit spare area
– Cost effective solutions for mass storage
applications
■
NAND interface
– x8 bus width
– Multiplexed Address/ Data
■
Supply voltages
–VDD = 2.7 to 3.6V core supply voltage for
Program, Erase and Read operations.
–VDDQ = 1.7 to 1.95 or 2.7 to 3.6V for I/O
buffers.
■
Page size: (2048 + 64 spare) Bytes
■
Block size: (256K + 8K spare) Bytes
■
Page Read/Program
– Random access: 60µs (max)
– Sequential access: 60ns(min)
– Page Program Operation time: 800µs (typ)
■
Cache Read mode
– Internal Cache Register to improve the
read throughput
■
Fast Block Erase
– Block erase time: 1.5ms (typ)
■
Status Register
■
Electronic Signature
■
Serial Number option
■
Chip Enable ‘don’t care’
– for simple interface with microcontroller
■
Data Protection
– Hardware Program/Erase locked during
power transitions
■
Embedded Error Correction Code (ECC)
– Internal ECC accelerator
– Easy ECC Command Interface
■
Data integrity
– 10,000 Program/Erase cycles (with ECC)
– 10 years Data Retention
■
ECOPACK® package available
■
Development tools
– Bad Blocks Management and Wear
Leveling algorithms
– File System OS Native reference software
– Hardware simulation models
TSOP48 12 x 20mm
Table 1.
Product List
Reference
Part Number
Density
NAND04Gx3C2A
NAND04GA3C2A
4 Gbits
NAND04GW3C2A
www.st.com


Similar Part No. - NAND04GA3C2AN6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND04G-B STMICROELECTRONICS-NAND04G-B Datasheet
383Kb / 59P
512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
25-Feb-2005
logo
Numonyx B.V
NAND04G-B2D NUMONYX-NAND04G-B2D Datasheet
1Mb / 69P
4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
logo
STMicroelectronics
NAND04GR3B STMICROELECTRONICS-NAND04GR3B Datasheet
383Kb / 59P
512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
25-Feb-2005
logo
Numonyx B.V
NAND04GR3B2CN1E NUMONYX-NAND04GR3B2CN1E Datasheet
1Mb / 69P
4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
NAND04GR3B2CN1F NUMONYX-NAND04GR3B2CN1F Datasheet
1Mb / 69P
4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
More results

Similar Description - NAND04GA3C2AN6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
13-Feb-2006
NAND01G-N STMICROELECTRONICS-NAND01G-N Datasheet
217Kb / 23P
1 Gbit (x8/x16) 2112 Byte Page NAND Flash Memory and 512 Mbit (x16) LPSDRAM, 1.8V, Multi-Chip Package
31-Jan-2006
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
30-May-2006
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
23-Nov-2006
logo
Numonyx B.V
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
NAND08GW3C2A NUMONYX-NAND08GW3C2A Datasheet
1Mb / 58P
8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND08GW3C2B NUMONYX-NAND08GW3C2B Datasheet
1Mb / 60P
8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND01GR3B2C NUMONYX-NAND01GR3B2C Datasheet
1Mb / 67P
1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
25-Feb-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com