Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND04GA3C2AN6F Datasheet(PDF) 22 Page - STMicroelectronics

Part # NAND04GA3C2AN6F
Description  4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GA3C2AN6F Datasheet(HTML) 22 Page - STMicroelectronics

Back Button NAND04GA3C2AN6F Datasheet HTML 18Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 19Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 20Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 21Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 22Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 23Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 24Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 25Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
6 Device operations
NAND04GA3C2A, NAND04GW3C2A
22/51
6.6
Sequential Input
To input data sequentially the addresses must be sequential and remain in one block.
For Sequential Input each Page Program operation comprises five steps:
1.
One bus cycle is required to setup the Page Program (Sequential Input) command (see
Table 8).
2.
Five bus cycles are then required to input the program address (refer to Table 6).
3.
The data is then loaded into the Data Registers.
4.
One bus cycle is required to issue the Page Program confirm command to start the
P/E/R Controller. The P/E/R will only start if the data has been loaded in step 3.
5.
The P/E/R Controller then programs the data into the array.
6.7
Random Data input
During a Sequential Input operation, the next sequential address to be programmed can be
replaced by a random address, by issuing a Random Data Input command. The following
two steps are required to issue the command:
1.
One bus cycle is required to setup the Random Data Input command (see Table 8).
2.
Two bus cycles are then required to input the new column address (refer to Table 6).
Random Data Input can be repeated as often as required in any given page.
Once the program operation has started the Status Register can be read using the Read
Status Register command. During program operations the Status Register will only flag
errors for bits set to '1' that have not been successfully programmed to '0'.
During the program operation, only the Read Status Register and Reset commands will be
accepted, all other commands will be ignored.
Once the program operation has completed the P/E/R Controller bit SR6 is set to ‘1’ and the
Ready/Busy signal goes High.
The device remains in Read Status Register mode until another valid command is written to
the Command Interface.
Figure 8.
Page Program Operation
I/O
RB
Address Inputs
SR0
ai08659
Data Input
10h
70h
80h
Page Program
Setup Code
Confirm
Code
Read Status Register
Busy
tBLBH2
(Program Busy time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com