Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND04GA3C2AN6F Datasheet(PDF) 18 Page - STMicroelectronics

Part # NAND04GA3C2AN6F
Description  4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GA3C2AN6F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button NAND04GA3C2AN6F Datasheet HTML 14Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 15Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 16Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 17Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 18Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 19Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 20Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 21Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
6 Device operations
NAND04GA3C2A, NAND04GW3C2A
18/51
6
Device operations
The following section gives the details of the device operations.
6.1
Read memory array
At Power-Up the device defaults to Read mode. To enter Read mode from another mode the
Read command must be issued, see Table 8: Commands. Once a Read command is
issued, subsequent consecutive Read commands only require the confirm command code
(30h).
Once a Read command is issued two types of operations are available: Random Read and
Page Read.
6.2
Random Read
Each time the Read command is issued the first read is Random Read.
6.3
Page read
After the first Random Read access, the page data (2112 Bytes) is transferred to the Page
Buffer in a time of tWHBH (refer to Table 20 for value). Once the transfer is complete the
Ready/Busy signal goes High. The data can then be read out sequentially (from selected
column address to last column address) by pulsing the Read Enable signal.
The device can output random data in a page, instead of the consecutive sequential data, by
issuing a Random Data Output command.
The Random Data Output command can be used to skip some data during a sequential
data output.
The sequential operation can be resumed by changing the column address of the next data
to be output, to the address which follows the Random Data Output command.
The Random Data Output command can be issued as many times as required within a
page.
The Random Data Output command is not accepted during Cache Read operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com