Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND04GA3C2AN6F Datasheet(PDF) 34 Page - STMicroelectronics

Part # NAND04GA3C2AN6F
Description  4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GA3C2AN6F Datasheet(HTML) 34 Page - STMicroelectronics

Back Button NAND04GA3C2AN6F Datasheet HTML 30Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 31Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 32Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 33Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 34Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 35Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 36Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 37Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
11 Maximum rating
NAND04GA3C2A, NAND04GW3C2A
34/51
11
Maximum rating
Stressing the device above the ratings listed in Table 15: Absolute Maximum Ratings, may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 15.
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
Min
Max
TBIAS
Temperature Under Bias
– 50
125
°C
TSTG
Storage Temperature
– 65
150
°C
VIO
(1)
Input or Output Voltage
1.8V, VDDQ devices
– 0.6
2.7
V
3 V, VDDQ devices
– 0.6
4.6
V
VDD
Supply Voltage
– 0.6
4.6
V
1.
Minimum Voltage may undershoot to –2V for less than 20ns during transitions on input and I/O pins. Maximum voltage may
overshoot to VDD + 2V for less than 20ns during transitions on I/O pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com