Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND04GA3C2AN6F Datasheet(PDF) 12 Page - STMicroelectronics

Part # NAND04GA3C2AN6F
Description  4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GA3C2AN6F Datasheet(HTML) 12 Page - STMicroelectronics

Back Button NAND04GA3C2AN6F Datasheet HTML 8Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 9Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 10Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 11Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 12Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 13Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 14Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 15Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
2 Memory array organization
NAND04GA3C2A, NAND04GW3C2A
12/51
Figure 4.
Memory Array Organization
AI12704
Block = 128 Pages
Page = 2112 Bytes (2,048 + 64)
2,048 Bytes
2048 Bytes
Spare
Area
64
Bytes
Block
8 bits
64
Bytes
8 bits
Page
Page Buffer, 2112 Bytes
Main Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com