Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND04GA3C2AN6F Datasheet(PDF) 26 Page - STMicroelectronics

Part # NAND04GA3C2AN6F
Description  4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GA3C2AN6F Datasheet(HTML) 26 Page - STMicroelectronics

Back Button NAND04GA3C2AN6F Datasheet HTML 22Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 23Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 24Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 25Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 26Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 27Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 28Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 29Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
6 Device operations
NAND04GA3C2A, NAND04GW3C2A
26/51
6.11
Read Electronic Signature
The device contains a Manufacturer Code and Device Code. To read these codes three steps
are required:
1.
One Bus Write cycle to issue the Read Electronic Signature command (90h)
2.
One Bus Write cycle to input the address (00h)
3.
Four Bus Read Cycles to sequentially output the data (as shown in Table 10: Electronic
Signature).
Table 9.
Status Register Bits
Bit
Name
Logic Level
Definition
SR7
Write Protection
'1'
Not Protected
'0'
Protected
SR6(1)
Program/ Erase/ Read
Controller
'1'
P/E/R C inactive, device ready
'0'
P/E/R C active, device busy
Cache Ready/Busy
'1'
Cache Register ready (Cache Read only)
'0'
Cache Register busy (Cache Read only)
SR5
Program/ Erase/ Read
Controller(2)
'1'
P/E/R C inactive
'0'
P/E/R C active
SR4, SR3,
SR2, SR1
Reserved
Don’t Care
SR0(1)
Generic Error
‘1’
Error – operation failed
‘0’
No Error – operation successful
1.
The SR6 bit and SR0 bit have a different meaning during Cache Read operations.
2.
Only valid for Cache Read operations, for other operations it is same as SR6.
Table 10.
Electronic Signature
Part Number
Byte/Word 1
Byte/Word 2
Byte 3
(see Table 11)
Byte 4
(see Table 12)
Manufacturer
Code
Device code
NAND04GA3C2A
20h
DCh
84h
25h
NAND04GW3C2A
20h
DCh
84h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com