Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8753LGEFL/V Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8753LGEFL/V
Description  Hi-Fi and Telephony Dual CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LGEFL/V Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8753LGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
Pre-Production
WM8753L
w
PP Rev 3.4 November 2005
42
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
LD2MO
0
Left DAC to Mono Mixer
0 = Disable (Mute)
1 = Enable Path
7
MM2MO
0
MM Signal to Mono Mixer
0 = Disable (Mute)
1 = Enable Path
R38 (26h)
Mono Mixer
Control (1)
[6:4]
MM2MOVOL
[2:0]
101
(-9dB)
MM Signal to Mono Mixer Volume
000 = +6dB
… (3dB steps)
111 = -15dB
8
RD2MO
0
Right DAC to Mono Mixer
0 = Disable (Mute)
1 = Enable Path
7
ST2MO
0
Sidetone Signal to Mono Mixer
0 = Disable (Mute)
1 = Enable Path
[6:4]
ST2MOVOL
[2:0]
101
(-9dB)
Sidetone
Signal
to
Mono
Mixer
Volume
000 = +6dB
… (3dB steps)
111 = -15dB
3
VXD2MO
0
Voice DAC to Mono Mixer
0 = Disable (Mute)
1 = Enable Path
R39 (27h)
Mono Mixer
Control (2)
[2:0]
VXD2MOVOL
[2:0]
101
(-6dB)
Voice Signal to Mono Mixer Volume
000 = +9dB
… (3dB steps)
111 = -12dB
Table 34 Mono Output Mixer Control
ANALOGUE OUTPUTS
LOUT1/ROUT1 OUTPUTS
The LOUT1 and ROUT1 pins can drive a 16
Ω or 32Ω headphone or a line output (see Headphone
Output and Line Output sections, respectively). The signal volume on LOUT1 and ROUT1 can be
independently adjusted under software control by writing to LOUT1VOL and ROUT1VOL,
respectively. Note that gains over 0dB may cause clipping if the signal is large. Any gain setting
below 0101111 (-73dB) mutes the output driver. The corresponding output pin remains at the same
DC level (the reference voltage on the VREF pin), so that no click noise is produced when muting or
un-muting.
A zero cross detect on the analogue output may also be enabled when changing the gain setting to
minimize audible clicks and zipper noise as the gain updates. If zero cross is enabled a timeout is
also available to update the gain if a zero cross does not occur. This function may be enabled by
setting TOEN in register R18 (12h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com