Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8753LGEFL/V Datasheet(PDF) 77 Page - Wolfson Microelectronics plc

Part # WM8753LGEFL/V
Description  Hi-Fi and Telephony Dual CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LGEFL/V Datasheet(HTML) 77 Page - Wolfson Microelectronics plc

Back Button WM8753LGEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
WM8753L
Pre-Production
w
PP Rev 3.4 November 2005
77
REGISTER MAP
REGISTER
ADDRESS
(Bit 15:9)
REMARKS
BIT[8]
BIT[7]
BIT[6]
BIT[5]
BIT[4]
BIT[3]
BIT[2]
BIT[1]
BIT[0]
DEFAULT
R1 (01h)
0000001
DAC Control
0
0
DACINV
DMONOMIX[1:0]
DACMU
DEEMPH[1:0]
0
000001000
R2 (02h)
0000010
ADC Control
DATSEL[1:0]
ADCPOL[1:0]
VXFILT
HPMODE[1:0]
HPOR
ADCHPD
000000000
R3 (03h)
0000011
PCM Audio
Interface
ADCDOP
VXC LK IN
PMS
MONO
PLRP
PWL[1:0]
PFORMAT[1:0]
000001010
R4 (04h)
0000100
Hi-Fi Audio
Interface
0
BCLKINV
MS
LRSWAP
LRP
WL[1:0]
FORMAT[1:0]
000001010
R5 (05h)
0000101
Interface Control
0
VXCLKTRI
BCLKTRI
VXDTRI ADCDTRI
IFMODE[1:0]
VXFSOE
LRCOE
000110011
R6 (06h)
0000110
Sample Rate Ctrl
(1)
SRMODE
PSR
0
SR[4:0]
USB
000000000
R7 (07h)
0000111
Sample Rate Ctrl
(2)
PBMODE[2:0]
BMODE[2:0]
VXDOSR
ADCOSR
DACOSR
000000111
R8 (08h)
0001000
Left DAC volume
LDVU
LDACVOL[7:0]
011111111
R9 (09h)
0001001
Right DAC volume
RDVU
RDACVOL[7:0]
011111111
R10 (0Ah)
0001010
Bass control
0
BB
BC[2:0]
BASS[3:0]
000001111
R11 (0Bh)
0001011
Treble control
0
0
TC
0
0
TRBL[3:0]
000001111
R12 (0Ch)
0001100
ALC1
ALCSEL[1:0]
MAXGAIN[2:0]
ALCL[3:0]
001111011
R13 (0Dh)
0001101
ALC2
ALCZC
ALCSR[3:0]
HLD[3:0]
000000000
R14 (0Eh)
0001110
ALC3
0
DCY[3:0]
ATK[3:0]
000110010
R15 (0Fh)
0001111
Noise Gate
0
NGTH[4:0]
0
NGG
NGAT
000000000
R16 (10h)
0010000
Left ADC volume
LAVU
LADCVOL[7:0]
011000011
R17 (11h)
0010001
Right ADC volume
RAVU
RADCVOL[7:0]
011000011
R18 (12h)
0010010
Additional control
0
VSEL[1:0]
0
0
0
ADCDIV2
DACDIV2
TOEN
011000000
R19 (13h)
0010011
3D Control
0
MODE3D
3DUC
3DLC
3DDEPTH[3:0]
3DEN
000000000
R20 (14h)
0010100
Pwr Mgmt (1)
VMIDSEL[1:0]
VREF
MICB
VDAC
DACL
DACR
0
DIGENB
000000000
R21 (15h)
0010101
Pwr Mgmt (2)
MICAMP1EN MICAMP2E
ALCMIX
PGAL
PGAR
ADCL
ADCR
RXMIX
LINEMIX
000000000
R22 (16h)
0010110
Pwr Mgmt (3)
LOUT1
ROUT1
LOUT2
ROUT2
OUT3
OUT4
MONO1
MONO2
0
000000000
R23 (17h)
0010111
Pwr Mgmt (4)
0
0
0
0
0
RECMIX
MONOMIX RIGHTMIX
LEFTMIX
000000000
R24 (18h)
0011000
ID register
0
0
0
0
RDDAT
READSEL[2:0]
READEN
000000000
R25 (19h)
0011001
Interupt Polarity
0
TSDIPOL
HPSW
IPOL
GPIO5
IPOL
GPIO4
IPOL
GPIO3
IPOL
0
MICDET
IPOL
MICSHT
IPOL
000000000
R26 (1Ah)
0011010
Interupt Enable
0
TSDIEN
HPSWIEN
GPIO5
IEN
GPIO4
IEN
GPIO3
IEN
0
MICDET
IEN
MICSHT
IEN
000000000
R27 (1Bh)
0011011
GPIO Control (1)
INTCON[1:0]
0
0
GPIO5M[1:0]
GPIO4M[2:0]
000000000
R28 (1Ch)
0011100
GPIO Control (2)
GPIO3M[2:0]
GP2M[2:0]
GP1M[2:0]
000000000
R31 (1Fh)
0011111
Reset
writing 000000000 to this register resets all registers to their default state
not reset
R32 (20h)
0100000
Record Mix (1)
0
RSEL
RRECVOL[2:0]
LSEL
LRECVOL[2:0]
001010101
R33 (21h)
0100001
Record Mix (2)
0
0
0
0
0
MSEL
MRECVOL[2:0]
000000101
R34 (22h)
0100010
Left out Mix (1)
LD2LO
LM2LO
LM2LOVOL[2:0]
0
0
0
0
001010000
R35 (23h)
0100011
Left out Mix (2)
VXD2LO
ST2LO
ST2LOVOL[2:0]
0
VXD2LOVOL[2:0]
001010101
R36 (24h)
0100100
Right out Mix (1)
RD2RO
RM2RO
RM2ROVOL[2:0]
0
0
0
0
001010000
R37 (25h)
0100101
Right out Mix (2)
VXD2RO
ST2RO
ST2ROVOL[2:0]
0
VXD2ROVOL[2:0]
001010101
R38 (26h)
0100110
Mono out Mix (1)
LD2MO
MM2MO
MM2MOVOL[2:0]
0
0
0
0
001010000
R39 (27h)
0100111
Mono out Mix (2)
RD2MO
ST2MO
ST2MOVOL[2:0]
VXD2MO
VXD2MOVOL[2:0]
001010101
R40 (28h)
0101000
LOUT1 volume
LO1VU
LO1ZC
LOUT1VOL[6:0]
001111001
R41 (29h)
0101001
ROUT1 volume
RO1VU
RO1ZC
ROUT1VOL[6:0]
001111001
R42 (2Ah)
0101010
LOUT2 volume
LO2VU
LO2ZC
LOUT2VOL[6:0]
001111001
R43 (2Bh)
0101011
ROUT2 volume
RO2VU
RO2ZC
ROUT2VOL[6:0]
001111001
R44 (2Ch)
0101100
MONOOUT volume
0
MOZC
MONO1VOL[6:0]
001111001
R45 (2Dh)
0101101
Output Control
MONO2SW[1:0]
HPSWEN HPSWPO
TSDEN
VROI
RO UT 2 I N V
OUT3SW[1:0]
000000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com