| Electronic Components Datasheet Search |
|
WM8753LGEFL/V Datasheet(PDF) 55 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8753LGEFL/V Datasheet(HTML) 55 Page - Wolfson Microelectronics plc |
|
55 / 92 page ![]() WM8753L Pre-Production w PP Rev 3.4 November 2005 55 LEFT CHANNEL RIGHT CHANNEL LRC / VXFS BCLK / VXCLK DACDAT / ADCDAT / VXDIN / VXDOUT 1/fs n 3 2 1 n-2 n-1 LSB MSB n 3 2 1 n-2 n-1 LSB MSB Figure 19 Right Justified Audio Interface (assuming n-bit word length) In I 2S mode, the MSB is available on the second rising edge of BCLK following a LRC transition. The other bits up to the LSB are then transmitted in order. Depending on word length, BCLK frequency and sample rate, there may be unused BCLK cycles between the LSB of one sample and the MSB of the next. LEFT CHANNEL RIGHT CHANNEL LRC / VXFS BCLK / VXCLK DACDAT / ADCDAT / VXDIN / VXDOUT 1/fs n 3 2 1 n-2 n-1 LSB MSB n 3 2 1 n-2 n-1 LSB MSB 1 BCLK 1 BCLK Figure 20 I 2S Justified Audio Interface (assuming n-bit word length) DSP MODE In DSP/PCM mode, the left channel MSB is available on either the 1 st (mode B) or 2nd (mode A) rising edge of BCLK (selectable by LRP) following a rising edge of LRC. Right channel data immediately follows left channel data. Depending on word length, BCLK frequency and sample rate, there may be unused BCLK cycles between the LSB of the right channel data and the next sample. In device master mode, the LRC output will resemble the frame pulse shown in Figure 21 and Figure 22. In device slave mode, Figure 23 and Figure 24, it is possible to use any length of frame pulse less than 1/fs, providing the falling edge of the frame pulse occurs greater than one BCLK period before the rising edge of the next frame pulse. Figure 21 DSP/PCM Mode Audio Interface (mode A, LRP=0, Master) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |