Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8753LGEFL/V Datasheet(PDF) 91 Page - Wolfson Microelectronics plc

Part # WM8753LGEFL/V
Description  Hi-Fi and Telephony Dual CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LGEFL/V Datasheet(HTML) 91 Page - Wolfson Microelectronics plc

Back Button WM8753LGEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 85Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 92Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 91 / 92 page
background image
WM8753L
Pre-Production
w
PP Rev 3.4 November 2005
91
PACKAGE DIAGRAM - 52-BALL BGA
DM034.A
B: 52 BALL BGA PLASTIC PACKAGE 5 X 5 X 0.9 mm BODY, 0.50 mm BALL PITCH
A1
CORNER
TOP VIEW
E
Z
0.10
2 X
D
5
4
DETAIL 2
DETAIL 2
A
A2
2
NOTES:
1. PRIMARY DATUM -Z- AND SEATING PLANE ARE DEFINED BY THE SPHERICAL CROWNS OF THE SOLDER BALLS.
2. THIS DIMENSION INCLUDES STAND-OFF HEIGHT ‘A1’.
3. DIMENSION ‘b’ IS MEASURED AT THE MAXIMUM SOLDER BALL DIAMETER, PARALLEL TO PRIMARY DATUM -Z-.
4. A1 CORNER IS IDENTIFIED BY INK/LASER MARK ON TOP PACKAGE.
5. BILATERAL TOLERANCE ZONE IS APPLIED TO EACH SIDE OF THE PACKAGE BODY.
6. ‘e’ REPRESENTS THE BASIC SOLDER BALL GRID PITCH.
7. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
A1
0.27
0.21
0.15
b
D
D1
E
E1
e
0.35
0.25
5.00 BSC
4.00 BSC
0.50 BSC
5.00 BSC
4.00 BSC
0.30
Dimensions (mm)
Symbols
MIN
NOM
MAX
NOTE
A
0.95
1.11
1.27
A2
0.80
0.90
1.00
3
Y
Z
ccc
X
Z
0.10
2 X
A1
Z
aaa
Z
bbb
Z
1
DETAIL 1
SOLDER BALL
b
Z
ddd
0.10
aaa
bbb
ccc
0.80
0.15
Tolerances of Form and Position
ddd
0.05
6
E1
A
D1
DETAIL 1
D
C
B
J
H
G
F
E
e
e
BOTTOM VIEW
1
98
7
6
54
32
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com