Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8753LGEFL/V Datasheet(PDF) 90 Page - Wolfson Microelectronics plc

Part # WM8753LGEFL/V
Description  Hi-Fi and Telephony Dual CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LGEFL/V Datasheet(HTML) 90 Page - Wolfson Microelectronics plc

Back Button WM8753LGEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 85Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 92Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 90 / 92 page
background image
Pre-Production
WM8753L
w
PP Rev 3.4 November 2005
90
PACKAGE DIAGRAM – 48-LEAD QFN
e
DM029.E
FL: 48 PIN QFN PLASTIC PACKAGE 7 X 7 X 0.9 mm BODY, 0.50 mm LEAD PITCH
INDEX AREA
(D/2 X E/2)
TOP VIEW
C
aaa
2 X
SEE DETAIL 2
E2
E2/2
b
D2
24
L
D2/2
C
aaa
2 X
25
36
37
48
1
12
13
D
E
e
Datum
SEE DETAIL 1
C
0.08
C
ccc
A
A1
C
(A3)
SEATING PLANE
DETAIL 3
DETAIL 3
DETAIL 2
Terminal
tip
R
e/2
DETAIL 1
(A3)
G
T
H
W
b
Exposed lead
Half etch tie bar
Symbols
Dimensions (mm)
MIN
NOM
MAX
NOTE
A
b
D
D2
E
E2
e
L
0.80
0.90
1.00
0.30
0.25
0.18
7.00 BSC
5.25
5.15
5.00
7.00 BSC
0.5 BSC
5.15
5.25
5.00
0.30
0.4
0.50
1
A1
A3
0
0.02
0.05
0.20 REF
G
H
0.213
0.1
NOTES:
1. DIMENSION b APPLIED TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.15 mm AND 0.30 mm FROM TERMINAL TIP.
2. ALL DIMENSIONS ARE IN MILLIMETRES
3. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO JESD 95-1 SPP-002.
4. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS.
5. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
6. REFER TO APPLICATION NOTE WAN_0118 FOR FURTHER INFORMATION REGARDING PCB FOOTPRINTS AND QFN PACKAGE SOLDERING.
JEDEC, MO-220, VARIATION VKKD-2
Tolerances of Form and Position
T
W
aaa
bbb
ccc
0.1
0.2
0.15
0.10
0.10
REF
EXPOSED
GROUND
PADDLE
6
R = 0.3MM
EXPOSED
GROUND
PADDLE
BOTTOM VIEW
SIDE VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com