Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8960GEFL/V Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8960GEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960GEFL/V Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8960GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
Preliminary Technical Data
WM8960
w
PTD, September 2006, Rev 2.0
65
STOPPING THE MASTER CLOCK
In order to minimise power consumed in the digital core of the WM8960, the master clock may be
stopped in Standby and OFF modes. If this cannot be done externally at the clock source, the
DIGENB bit (R25, bit 0) can be set to stop the MCLK signal from propagating into the device core. In
Standby mode, setting DIGENB will typically provide an additional power saving on DCVDD of 20uA.
However, since setting DIGENB has no effect on the power consumption of other system
components external to the WM8960, it is preferable to disable the master clock at its source
wherever possible.
MCLK should not be stopped while the class D outputs are enabled, as this would prevent the
outputs from functioning.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
Additional Control
(1)
0
DIGENB
0
Master clock disable
0 = Master clock enabled
1 = Master clock disabled
Table 48 Enabling the Master Clock
NOTE: Before DIGENB can be set, the control bits ADCL, ADCR, DACL and DACR must be set
to zero and a waiting time of 1ms must be observed. Any failure to follow this procedure may
prevent DACs and ADCs from re-starting correctly.
SAVING POWER AT HIGHER SUPPLY VOLTAGE
The AVDD supply of the WM8960 can operate beteen 2.7V and 3.6V. By default, all analogue
circuitry on the device is optimized to run at 3.3V. This set-up is also good for all other supply
voltages down to 2.7V. At lower voltages, performance can be improved by increasing the bias
current by setting VSEL[1:0] = 01. If low power operation is preferred the bias current can be left at
the default setting. This is controlled as shown below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
Additional
Control (1)
7:6
VSEL
[1:0]
11
Analogue Bias Optimisation
00 = Reserved
01 = Increased bias current optimized for
AVDD=2.7V
1X = Lowest bias current, optimized for
AVDD=3.3V
Table 49 Bias Optimisation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com