Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8960GEFL/V Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8960GEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960GEFL/V Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8960GEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
Preliminary Technical Data
WM8960
w
PTD, September 2006, Rev 2.0
11
TYPICAL POWER CONSUMPTION
Mode
AVDD
SPKVDD
DBVDD
DCVDD
IAVDD
ISPKVDD
IDBVDD
IDCVDD
Total
(V)
(V)
(V)
(V)
(mA)
(mA)
(mA)
(mA)
(mW)
2.7
2.7
1.71
1.71
0.0314
0
0
0
0.085
3
3
1.8
1.8
0.0326
0
0
0
0.098
3.3
3.3
3.3
1.8
0.033
0
0
0
0.109
3.6
5.5
3.6
3.6
0.0345
0
0
0
0.124
2.7
2.7
1.71
1.71
0.0086
0
0
0
0.023
3
3
1.8
1.8
0.0092
0
0
0
0.028
3.3
3.3
3.3
1.8
0.0096
0
0
0
0.032
3.6
5.5
3.6
3.6
0.0102
0
0
0
0.037
2.7
2.7
1.71
1.71
0.0537
0
0
0
0.145
3
3
1.8
1.8
0.0621
0
0
0
0.186
3.3
3.3
3.3
1.8
0.0674
0
0
0
0.222
3.6
5.5
3.6
3.6
0.0728
0
0
0
0.262
2.7
2.7
1.71
1.71
4.8
0
0.049
0.81
14.429
3
3
1.8
1.8
5.1
0
0.05
0.86
16.938
3.3
3.3
3.3
1.8
5.5
0
0.11
0.88
20.097
3.6
5.5
3.6
3.6
5.8
00
.11
2.2
29.196
2.7
2.7
1.71
1.71
5.8
0
0.09
1.33
18.088
3
3
1.8
1.8
6.2
0
0.09
1.4
21.282
3.3
3.3
3.3
1.8
6.5
00
.18
1.41
24.582
3.6
5.5
3.6
3.6
6.9
00
.2
3.6
38.520
2.7
2.7
1.71
1.71
5.93
0
0.02
3.1
21.346
3
3
1.8
1.8
6.3
0
0.02
3.3
24.876
3.3
3.3
3.3
1.8
6.8
0
0.04
3.3
28.512
3.6
5.5
3.6
3.6
7.1
0
0.05
8.7
57.060
2.7
2.7
1.71
1.71
6.4
00
.25
3.5
23.693
3
3
1.8
1.8
6.9
00
.26
3.78
27.972
3.3
3.3
3.3
1.8
7.5
00
.5
3.8
33.240
3.6
5.5
3.6
3.6
7.9
00
.54
9.6
64.944
2.7
2.7
1.71
1.71
3.869
0
0.0029
3.38
16.231
3
3
1.8
1.8
4.35
0
0.0031
3.6
19.536
3.3
3.3
3.3
1.8
4.8
0
0.0098
3.78
22.676
3.6
5.5
3.6
3.6
5.33
0
0.0145
9.4
53.080
2.7
2.7
1.71
1.71
19.6
0
0.003
3.6
59.081
3
3
1.8
1.8
22.1
0
0.004
3.9
73.327
3.3
3.3
3.3
1.8
23.8
0
0.012
3.9
85.600
3.6
5.5
3.6
3.6
26
0
0.02
9.9
129.312
2.7
2.7
1.71
1.71
7.8
0
0.003
3.5
27.050
3
3
1.8
1.8
8.9
0
0.004
3.8
33.547
3.3
3.3
3.3
1.8
9.6
0
0.012
3.8
38.560
3.6
5.5
3.6
3.6
10.5
0
0.014
9.5
72.050
2.7
2.7
1.71
1.71
4.77
00
.23
3.7
19.599
3
3
1.8
1.8
5.4
00
.25
3.9
23.670
3.3
3.3
3.3
1.8
6.04
0
0.46
3.9
28.470
3.6
5.5
3.6
3.6
6.6
0
0.49
10.1
61.884
2.7
2.7
1.71
1.71
5.1
1.4
0.0032
3.57
23.660
3.3
3.3
3.3
1.8
6.3
1.79
0.01
3.84
33.642
3.3
5
3.3
1.8
6.3
2.9
0.01
3.8
42.163
3.3
5.5
3.3
1.8
6.9
3.2
0.0132
9.8
58.054
2.7
2.7
1.71
1.71
5.1
240
0.0032
3.57
667.880
3.3
3.3
3.3
1.8
6.3
304
0.01
3.84
1030.935
3.3
5
3.3
1.8
6.3
450
0.01
3.8
2277.663
3.3
5.5
3.3
1.8
6.9
486
0.0132
9.8
2713.454
2.7
2.7
1.71
1.71
5.1
48
0.0032
3.57
149.480
3.3
3.3
3.3
1.8
6.3
56
0.01
3.84
212.535
3.3
5
3.3
1.8
6.3
82
0.01
3.8
437.663
3.3
5.5
3.3
1.8
6.9
90
0.0132
9.8
535.454
2.7
2.7
1.71
1.71
3
125
0.0034
3.63
351.813
3.3
3.3
3.3
1.8
3.77
154
0.0126
3.89
527.685
3.3
5
3.3
1.8
3.79
229
0.0126
3.7
1164.209
3.6
5.5
3.6
3.6
4.2
250
0.0163
9.7
1425.099
2.7
2.7
1.71
1.71
8.64
0
0.009
4.5
31.038
3
3
1.8
1.8
9.44
0
0.01
4.7
36.798
3.3
3.3
3.3
1.8
10.24
0
0.025
4.7
42.335
3.6
5.5
3.6
3.6
11.032
0
0.03
11.732
82.058
DAC Playback to 8Ohm speakers @44.1kHz (1kHz
tone, full scale)
DAC Playback to 8Ohm speakers @44.1kHz (white
noise, 1Vrms)
Stereo line record @8kHz and stereo DAC playback
to line output (load = 10kOhm) @48kHz
DAC Playback to mono speaker @44.1kHz (1kHz
tone, full scale)
DAC Playback to 16Ohm headphones @44.1kHz,
(white noise 1Vrms)
DAC Playback to 16Ohm headphones @44.1kHz,
(1kHz tone 100mVrms)
DAC Playback to 16Ohm headphones @44.1kHz,
PLL enabled, MCLK=12MHz (no signal), master
mode
DAC Playback to 8Ohm speakers @44.1kHz (no
signal)
Stereo line record @16kHz (No signal)
Stereo line record @44.1kHz (No signal)
Stereo line record @44.1kHz, PLL enabled,
MCLK=12MHz, no signal, master mode
DAC Playback to 16Ohm headphones @44.1kHz,
(no signal)
Off (Default state at power-up, no clocks)
Off (Thermal sensor disabled, no clocks)
Sleep (Thermal sensor enabled, VMID enabled
using 250k VMID resistors)
Stereo line record @8kHz (No signal)
Notes:
1. Power in the load is included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com