Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8960GEFL/V Datasheet(PDF) 68 Page - Wolfson Microelectronics plc

Part # WM8960GEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960GEFL/V Datasheet(HTML) 68 Page - Wolfson Microelectronics plc

Back Button WM8960GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
WM8960
Preliminary Technical Data
w
PTD, September 2006, Rev 2.0
68
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
6:0
ROUT1VOL[6:0]
0000000
ROUT1 Volume
1111111 = +6dB
… 1dB steps down to
0110000 = -73dB
0101111 to 0000000 = Analogue MUTE
Analogue
Outputs
8:6
ADCDIV[2:0]
000
ADC Sample rate divider (Also determines
ADCLRC in master mode)
000 = SYSCLK / (1.0 * 256)
001 = SYSCLK / (1.5 * 256)
010 = SYSCLK / (2 * 256)
011 = SYSCLK / (3 * 256)
100 = SYSCLK / (4 * 256)
101 = SYSCLK / (5.5 * 256)
110 = SYSCLK / (6 * 256)
111 = Reserved
Clocking and
Sample Rates
5:3
DACDIV[2:0]
000
DAC Sample rate divider (Also determines
DACLRC in master mode)
000 = SYSCLK / (1.0 * 256)
001 = SYSCLK / (1.5 * 256)
010 = SYSCLK / (2 * 256)
011 = SYSCLK / (3 * 256)
100 = SYSCLK / (4 * 256)
101 = SYSCLK / (5.5 * 256)
110 = SYSCLK / (6 * 256)
111 = Reserved
Clocking and
Sample Rates
2:1
SYSCLKDIV[1:0]
00
SYSCLK Pre-divider. Clock source (MCLK or
PLL output) will be divided by this value to
generate SYSCLK.
00 = Divide SYSCLK by 1
01 = Reserved
10 = Divide SYSCLK by 2
11 = Reserved
Clocking and
Sample Rates
R4 (04h)
Clocking
(1)
0
CLKSEL
0
SYSCLK Selection
0 = SYSCLK derived from MCLK
1 = SYSCLK derived from PLL output
Clocking and
Sample Rates
8
0
Reserved
7
DACDIV2
0
DAC 6dB Attenuate Enable
0 = Disabled (0dB)
1 = -6dB Enabled
Output Signal
Path
6:5
ADCPOL[1:0]
00
ADC polarity control:
00 = Polarity not inverted
01 = ADC L inverted
10 = ADC R inverted
11 = ADC L and R inverted
Analogue to
Digital Converter
4
0
Reserved
3
DACMU
1
DAC Digital Soft Mute
1 = Mute
0 = No mute (signal active)
Output Signal
Path
R5 (05h)
ADC and
DAC
Control (1)
2:1
DEEMPH[1:0]
00
De-emphasis Control
11 = 48kHz sample rate
10 = 44.1kHz sample rate
01 = 32kHz sample rate
00 = No de-emphasis
Output Signal
Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com