Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8960GEFL/V Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8960GEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960GEFL/V Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8960GEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
WM8960
Preliminary Technical Data
w
PTD, September 2006, Rev 2.0
20
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3
LMIC2B
0
Connect Left Input PGA to Left Input
Boost mixer
0 = Not connected
1 = Connected
6
LMP2
0
Connect LINPUT2 to non-inverting input of
Left Input PGA
0 = LINPUT2 not connected to PGA
1 = LINPUT2 connected to PGA (Constant
input impedance)
7
LMP3
0
Connect LINPUT3 to non-inverting input of
Left Input PGA
0 = LINPUT3 not connected to PGA
1 = LINPUT3 connected to PGA (Constant
input impedance)
R32 (20h)
ADCL Input
Signal Path
8
LMN1
1
Connect LINPUT1 to inverting input of Left
Input PGA
0 = LINPUT1 not connected to PGA
1 = LINPUT1 connected to PGA
3
RMIC2B
0
Connect Right Input PGA to Right Input
Boost mixer
0 = Not connected
1 = Connected
6
RMP2
0
Connect RINPUT2 to non-inverting input
of Right Input PGA
0 = RINPUT2 not connected to PGA
1 = RINPUT2 connected to PGA
(Constant input impedance)
7
RMP3
0
Connect RINPUT3 to non-inverting input
of Right Input PGA
0 = RINPUT3 not connected to PGA
1 = RINPUT3 connected to PGA
(Constant input impedance)
R33 (21h)
ADCR Input
Signal Path
8
RMN1
1
Connect RINPUT1 to inverting input of
Right Input PGA
0 = RINPUT1 not connected to PGA
1 = RINPUT1 connected to PGA
Table 3 Input PGA Control
INPUT PGA VOLUME CONTROLS
The input PGAs have a gain range from -17.25dB to +30dB in 0.75dB steps. The gains from the
inverting inputs (LINPUT1 and RINPUT1) to the PGA outputs and from the non-inverting inputs
(LINPUT2/RINPUT2 and LINPUT3/RINPUT3) to the PGA output are always common in differential
configuration and controlled by the register bits LINVOL[5:0] and RINVOL[5:0].
When the Automatic Level Control (ALC) is enabled the input PGA gains are controlled automatically
and the LINVOL and RINVOL bits should not be used.
The left and right input PGAs can be independently muted using the LINMUTE and RINMUTE
register bits.
To allow simultaneous volume updates of left and right channels, PGA gains are not altered until a 1
is written to the IPVU bit.
To prevent "zipper noise", a zero-cross function is provided, so that when enabled, volume updates
will not take place until a zero-crossing is detected. In the event of a long period without zero-
crossings, a timeout function is available. When this function is enabled (using the TOEN register
bit), the volume will update automatically after a timeout. The timeout period is set by TOCLKSEL.
Note that SYSCLK must be running to use this function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com