Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8960GEFL/V Datasheet(PDF) 77 Page - Wolfson Microelectronics plc

Part # WM8960GEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960GEFL/V Datasheet(HTML) 77 Page - Wolfson Microelectronics plc

Back Button WM8960GEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 88 page
background image
Preliminary Technical Data
WM8960
w
PTD, September 2006, Rev 2.0
77
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
6
RMP2
0
Connect RINPUT2 to non-inverting input of
Right Input PGA
0 = RINPUT2 not connected to PGA
1 = RINPUT2 connected to PGA (Constant input
impedance)
Input Signal
Path
5:4
RMICBOOST[1:0]
00
Right Channel Input PGA Boost Gain
00 = +0dB
01 = +13dB
10 = +20dB
11 = +29dB
Input Signal
Path
3
RMIC2B
0
Connect Right Input PGA to Right Input Boost
Mixer
0 = Not connected
1 = Connected
Input Signal
Path
2:0
000
Reserved
8
LD2LO
0
Left DAC to Left Output Mixer
0 = Disable (Mute)
1 = Enable Path
Output Signal
Path
7
LI2LO
0
LINPUT3 to Left Output Mixer
0 = Disable (Mute)
1 = Enable Path
Output Signal
Path
6:4
LI2LOVOL[2:0]
101
LINPUT3 to Left Output Mixer Volume
000 = 0dB
...(3dB steps)
111 = -21dB
Output Signal
Path
R34 (22h)
Left Out
Mix
3:0
0000
Reserved
R35 (23h)
8:0
001010000
Reserved
R36 (24h)
8:0
001010000
Reserved
8
RD2RO
0
Right DAC to Right Output Mixer
0 = Disable (Mute)
1 = Enable Path
Output Signal
Path
7
RI2RO
0
RINPUT3 to Right Output Mixer
0 = Disable (Mute)
1 = Enable Path
Output Signal
Path
6:4
RI2ROVOL[2:0]
101
RINPUT3 to Right Output Mixer Volume
000 = 0dB
...(3dB steps)
111 = -21dB
Output Signal
Path
R37 (25h)
Right Out
Mix
3:0
0000
Reserved
8
0
Reserved
7
L2MO
0
Left Output Mixer to Mono Output Mixer Control
0 = Left channel mix disabled
1 = Left channel mix enabled
Output Signal
Path
R38 (26h)
Mono Out
Mix (1)
6:0
0000000
Reserved
8
0
Reserved
7
R2MO
0
Right Output Mixer to Mono Output Mixer
Control
0 = Right channel mix disabled
1 = Right channel mix enabled
Output Signal
Path
R39 (27h)
Mono Out
Mix (2)
6:0
0000000
Reserved
R40 (28h)
Left
Speaker
Volume
8
SPKVU
N/A
Speaker Volume Update
Writing a 1 to this bit will cause left and right
speaker volumes to be updated (SPKLVOL and
SPKRVOL)
Analogue
Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com