Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8960GEFL/V Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8960GEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960GEFL/V Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8960GEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 88 page
background image
Preliminary Technical Data
WM8960
w
PTD, September 2006, Rev 2.0
19
Figure 8 Microphone Input PGA Circuit
The input PGAs and boost mixers are enabled by the AINL and AINR register bits. The microphone
PGAs can be also be disabled independently of the boost mixer to save power, using LMIC and
RMIC register bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5
AINL
0
Left channel input PGA and boost
stage enable
0 = PGA disabled, boost disabled
1 = PGA enabled (if LMIC = 1),
boost enabled
R25 (19h)
Power
Management
(1)
4
AINR
0
Right channel input PGA and boost
stage enable
0 = PGA disabled, boost disabled
1 = PGA enabled (if LMIC = 1),
boost enabled
5
LMIC
0
Left channel input PGA enable
0 = PGA disabled
1 = PGA enabled (if AINL = 1)
R47 (2Fh)
Power
Management
(3)
4
RMIC
0
Right channel input PGA enable
0 = PGA disabled
1 = PGA enabled (if AINR = 1)
Table 2 Input PGA and Boost Enable Register Settings
The
input
PGAs
can
be
configured
as
differential
inputs,
using
LINPUT1/LINPUT2
or
LINPUT1/LINPUT3, and RINPUT1/RINPUT2 or RINPUT1/RINPUT3. The input impedance to these
non-inverting inputs is constant in this configuration. Differential configuration is controlled by LMP2,
LMP3, RMP2 and RMP3 as shown in Table 3.
When single-ended configuration is selected, the non-inverting input of the PGA is connected to
VMID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com