Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T89C51RC2-3CSIM Datasheet(PDF) 75 Page - ATMEL Corporation

Part # T89C51RC2-3CSIM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RC2-3CSIM Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button T89C51RC2-3CSIM Datasheet HTML 71Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 72Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 73Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 74Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 75Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 76Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 77Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 78Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 117 page
background image
75
T89C51RB2/RC2
4105D–8051–10/06
Power Management
Two power reduction modes are implemented in the T89C51RB2/RC2: the Idle mode
and the Power-Down mode. These modes are detailed in the following sections. In addi-
tion to these power reduction modes, the clocks of the core and peripherals can be
dynamically divided by 2 using the X2 mode detailed in Section “Clock”.
Reset
A reset is required after applying power at turn-on. To achieve a valid reset, the reset
signal must be maintained for at least 2 machine cycles (24 oscillator clock periods)
while the oscillator is running and stabilized and VCC established within the specified
operating ranges. A device reset initializes the T89C51RB2/RC2 and vectors the CPU
to address 0000h. RST input has a pull-down resistor allowing power-on reset by simply
connecting an external capacitor to VDD as shown in Figure 31. Resistor value and input
ch a r a c te ri sti cs a r e d i scu ss e d i n th e Se cti o n “ DC Ch a r a c te ri sti cs” o f th e
T89C51RB2/RC2 datasheet. The status of the Port pins during reset is detailed in
Table 53.
Figure 31. Reset Circuitry and Power-On Reset
Table 53. Pin Conditions in Special Operating Modes
Reset Recommendation
to Prevent Flash
Corruption
A bad reset sequence will lead to bad microcontroller initialization and system registers
like SFR’s, Program Counter, etc. will not be correctly initialized. A bad initialization may
lead to unpredictable behaviour of the C51 microcontroller.
An example of this situation may occur in an instance where the bit ENBOOT in AUXR1
register is initialized from the hardware bit BLJB upon reset. Since this bit allows map-
ping of the bootloader in the code area, a reset failure can be critical.
If one wants the ENBOOT cleared inorder to unmap the boot from the code area (yet
due to a bad reset) the bit ENBOOT in SFR’s may be set. If the value of Program
Counter is accidently in the range of the boot memory addresses then a flash access
(write or erase) may corrupt the Flash on-chip memory .
It is recommended to use an external reset circuitry featuring power supply monitoring to
prevent system malfunction during periods of insufficient power supply voltage(power
supply failure, power supply switched off).
Mode
Port 0
Port 1
Port 2
Port 3
Port 4
ALE
PSEN#
Reset
Floating
High
High
High
High
High
High
Idle
Data
Data
Data
Data
Data
High
High
Power-
Down
Data
Data
Data
Data
Data
Low
Low
RST
VSS
To CPU core
and peripherals
RST
VDD
+
b. Power-on Reset
a. RST input circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com